Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS4812 Datasheet (PDF) - Potens Semiconductor Corp.

PDS4812 Datasheet PDF - Potens Semiconductor Corp.
Part # PDS4812
Download  PDS4812 Download
File Size   378.02 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 40V Dual N-Channel MOSFETs

PDS4812 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDS4812 Datasheet PDF - Potens Semiconductor Corp.

Part # PDS4812
Download  PDS4812 Click to download

File Size   378.02 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 40V Dual N-Channel MOSFETs

PDS4812 Datasheet (HTML) - Potens Semiconductor Corp.


PDS4812 Product details

Features
- 40V,8.5A, RDS(ON) =28mΩ @VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available
- MB / VGA / Vcore
- POL Applications
- SMPS 2nd SR

Applications




Similar Part No. - PDS4812

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDS4810 POTENS-PDS4810 Datasheet
743Kb / 5P
40V Dual N-Channel MOSFETs
Ver.1.01
More results


Similar Description - PDS4812

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4701 FS-FTK4701 Datasheet
1Mb / 6P
40V NP Dual Channel MOSFETs
FTK4806T FS-FTK4806T Datasheet
800Kb / 5P
40V Dual N-Channel MOSFETs
FTK4902DFN56 FS-FTK4902DFN56 Datasheet
801Kb / 5P
40V N-Channel MOSFETs
FTK4904D FS-FTK4904D Datasheet
957Kb / 5P
40V N-Channel MOSFETs
FTK4906DFN56 FS-FTK4906DFN56 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4910 FS-FTK4910 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4960DFN56 FS-FTK4960DFN56 Datasheet
983Kb / 5P
40V N-Channel MOSFETs
FTK4960P FS-FTK4960P Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4970P FS-FTK4970P Datasheet
1Mb / 5P
40V N-Channel MOSFETs
logo
TECH PUBLIC Electronics...
AO4882 TECHPUBLIC-AO4882 Datasheet
2Mb / 4P
40V Dual N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com