Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3650GQW Datasheet (PDF) - Monolithic Power Systems

MPM3650GQW Datasheet PDF - Monolithic Power Systems
Part # MPM3650GQW
Download  MPM3650GQW Download
File Size   1127.08 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 17V, 6A, Step-Down Converter Module Evaluation Board

MPM3650GQW Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3650GQW Datasheet PDF - Monolithic Power Systems

Part # MPM3650GQW
Download  MPM3650GQW Click to download

File Size   1127.08 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 17V, 6A, Step-Down Converter Module Evaluation Board

MPM3650GQW Datasheet (HTML) - Monolithic Power Systems


MPM3650GQW Product details

DESCRIPTION
The EVM3650-QW-00A is an evaluation board designed to demonstrate the capabilities of the MPM3650, a fully integrated, high-frequency, synchronous, rectified, step-down power module with an internal inductor. It offers an ultracompact solution that achieves up to 6A of continuous output current across a wide 2.75V to 17V input voltage range, with excellent load and line regulation. Synchronous mode provides high efficiency across the output current load range.
Constant-on-time (COT) control provides very fast transient response, easy loop design, and tight output regulation. Full protection features include short-circuit protection (SCP), overcurrent protection (OCP), under-voltage protection (UVP), and thermal shutdown.

FEATURES
 Wide 2.75V to 17V Operating Input Range
 Continuous Output Current:
o Up to 6A Output Current for Inputs Between 0.6V and 1.8V
o Up to 5A Output Current for Inputs Above 1.8V
 Discontinuous Conduction Mode (DCM) for High Efficiency during Light Load Operation
 Adjustable Output from 0.6V
 Supports Pre-Biased Start-Up
 1200kHz Fixed Switching Frequency (fSW)
 Configurable External Soft Start (SS)
 Enable (EN) and Power Good (PG) Pins for Power Sequencing
 Over-Current Protection (OCP) with Hiccup Mode
 Thermal Shutdown
 Available in a QFN-24 (4mmx6mmx1.6mm) Package

APPLICATIONS
 Field-Programmable Gate Array (FPGA) Power Systems
 Optical Modules
 Telecommunications
 Networking
 Industrial Equipment




Similar Part No. - MPM3650GQW

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPM3650GQW MPSIND-MPM3650GQW Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
Rev. 1.1 9/17/2021
logo
Monolithic Power System...
MPM3650GQW MPS-MPM3650GQW Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous, Step-Down Power Module with Discontinuous Conduction Mode
9/17/2021 Rev. 1.1
MPM3650GQW-P MPS-MPM3650GQW-P Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous, Step-Down Power Module with Discontinuous Conduction Mode
9/17/2021 Rev. 1.1
MPM3650GQW-Z MPS-MPM3650GQW-Z Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous, Step-Down Power Module with Discontinuous Conduction Mode
9/17/2021 Rev. 1.1
More results


Similar Description - MPM3650GQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
logo
Richtek Technology Corp...
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
6A, 17V, 500kHz CSP Synchronous Step-Down Converter
RT6266GSP RICHTEK-RT6266GSP Datasheet
663Kb / 6P
RT6266 Step-Down Converter Evaluation Board
RT8279GSP RICHTEK-RT8279GSP Datasheet
887Kb / 8P
RT8279 Step-Down Converter Evaluation Board
logo
Monolithic Power System...
EV2229-Q-00A MPS-EV2229-Q-00A Datasheet
816Kb / 6P
High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
EV8714-LE-00A MPS-EV8714-LE-00A Datasheet
396Kb / 6P
High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
EVQ8616-L-6-00A MPS-EVQ8616-L-6-00A Datasheet
708Kb / 10P
High Efficiency, 6A, 6V Synchronous Step-down Converter Evaluation Board
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
18V 6A Step-Down Power Module Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com