Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBT01F05D12 Datasheet (PDF) - XP Power Limited

PBT01F05D12 Datasheet PDF - XP Power Limited
Part # PBT01F05D12
Download  PBT01F05D12 Download
File Size   1043.66 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC converters

PBT01F05D12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBT01F05D12 Datasheet PDF - XP Power Limited

Part # PBT01F05D12
Download  PBT01F05D12 Click to download

File Size   1043.66 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC converters

PBT01F05D12 Datasheet (HTML) - XP Power Limited


PBT01F05D12 Product details

Features
Single & dual unregulated outputs 3.3V to 15VDC
±10% input range
Nominal inputs 3.3V to 24VDC
SMD8 single output & SMD10 dual output
1kVDC isolation, 2kVDC & 3kVDC options
UL62368-1 & IEC62368-1 safety approvals
Continuous short circuit protection
Tape & reel option
-40°C to +105°C operating temperature
3 year warranty

Applications
Robotics
Instrumentation
Technology
Industrial Process
control




Similar Part No. - PBT01F05D12

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PBT05 EDI-PBT05 Datasheet
46Kb / 2P
27.5 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results


Similar Description - PBT01F05D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com