Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA2201 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NA2201 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NA2201
Download  NA2201 Download
File Size   1819.48 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Digital Earth Leakage Current Detector IC Ground Fault Current Detect IC With Over Voltage Detection / DC Current Detection

NA2201 Datasheet (PDF)

Go To PDF Page Download Datasheet
NA2201 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NA2201
Download  NA2201 Click to download

File Size   1819.48 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Digital Earth Leakage Current Detector IC Ground Fault Current Detect IC With Over Voltage Detection / DC Current Detection

NA2201 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NA2201 Product details

FEATURES
⚫ Power Supply VDD 4.0V to 5.5V
⚫ Operating Temperature -40°C to 105°C
⚫ Built-in High Precision ADC 14-Bit
⚫ Sinc3 Digital Filter -3dB Frequency = 150Hz
⚫ Internal Power Supply VREG = 3.3V
⚫ Earth Leakage Detector Condition
Type A / Type AC selectable
⚫ Five times trip level immediate response
ON / OFF selectable
⚫ Over voltage detection Correspond to Neutral conductor open-phase protection
⚫ DC current detection
⚫ Time delay function 2 systems:
Earth leakage detection / Over voltage detection
Set by external capacitance
⚫ Minimum non-operating time 2 types prepared
⚫ Package SSOP-16-BD




Similar Part No. - NA2201

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NA2200 NISSHINBO-NA2200 Datasheet
1Mb / 59P
5V Analog Front End with High Gain PGA
Ver.1.1
NA2200BDAE2S NISSHINBO-NA2200BDAE2S Datasheet
1Mb / 59P
5V Analog Front End with High Gain PGA
Ver.1.1
NA2202 NISSHINBO-NA2202 Datasheet
2Mb / 72P
Analog Front End with High Precision 16/20/24-Bit A-D Converter
Ver.1.4
NA2202NBAE2S NISSHINBO-NA2202NBAE2S Datasheet
2Mb / 72P
Analog Front End with High Precision 16/20/24-Bit A-D Converter
Ver.1.4
NA2203NBAE2S NISSHINBO-NA2203NBAE2S Datasheet
2Mb / 72P
Analog Front End with High Precision 16/20/24-Bit A-D Converter
Ver.1.4
More results


Similar Description - NA2201

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL7101 INTEGRAL-IL7101 Datasheet
348Kb / 9P
GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
KODENSHI_AUK CORP.
KK54123 KODENSHI-KK54123 Datasheet
373Kb / 9P
GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
IK Semicon Co., Ltd
IL7101 IKSEMICON-IL7101 Datasheet
348Kb / 9P
GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
Rohm
BD9582F-E ROHM-BD9582F-E Datasheet
582Kb / 14P
EARTH LEAKAGE CURRENT DETECTOR IC
BD9584F-E ROHM-BD9584F-E Datasheet
574Kb / 14P
EARTH LEAKAGE CURRENT DETECTOR IC
BD54123F-E ROHM-BD54123F-E Datasheet
555Kb / 14P
EARTH LEAKAGE CURRENT DETECTOR IC
logo
IK Semicon Co., Ltd
IL7101N IKSEMICON-IL7101N_16 Datasheet
901Kb / 8P
Ground Fault Interrupter Earth Leakage Current Detector
IL54123 IKSEMICON-IL54123_16 Datasheet
598Kb / 8P
GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
IK7104 IKSEMICON-IK7104 Datasheet
1Mb / 12P
Ground Fault Interrupter Earth Leakage Current Detector
logo
New Japan Radio
NJU9102 NJRC-NJU9102 Datasheet
523Kb / 22P
Digital Earth Leakage Current Detector IC
Ver.3.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com