Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB2518T331M8 Datasheet (PDF) - Taiyo Yuden (U.S.A.), Inc

LB2518T331M8 Datasheet PDF - Taiyo Yuden (U.S.A.), Inc
Part # LB2518T331M8
Download  LB2518T331M8 Download
File Size   297.58 Kbytes
Page   3 Pages
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc
Description Wire-wound Ferrite Inductors LBQB/LBQC/LBQE series for Telecommunications Infrastructure and Industrial Equipment

LB2518T331M8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB2518T331M8 Datasheet PDF - Taiyo Yuden (U.S.A.), Inc

Part # LB2518T331M8
Download  LB2518T331M8 Click to download

File Size   297.58 Kbytes
Page   3 Pages
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc
Description Wire-wound Ferrite Inductors LBQB/LBQC/LBQE series for Telecommunications Infrastructure and Industrial Equipment

LB2518T331M8 Datasheet (HTML) - Taiyo Yuden (U.S.A.), Inc


LB2518T331M8 Product details

Features
- Item Summary: 330uH±20%, 30mA, 1007/2518 (EIA/JIS)
- Lifecycle Stage: Mass Production (Preferred)
- Standard packaging quantity (minimum): Taping Embossed 2000pcs




Similar Part No. - LB2518T331M8

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T331M8 TAIYO-YUDEN-LB2518T331M8 Datasheet
293Kb / 3P
Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LB]
LB2518T331M8 TAIYO-YUDEN-LB2518T331M8 Datasheet
297Kb / 3P
Wire-wound Ferrite Inductors LMQB/LMQC/LMQE series for Medical Devices classified as GHTF Class C (Japan Class III)
2021/8/3
More results


Similar Description - LB2518T331M8

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBXHF4040WKT1R0MNR TAIYO-YUDEN-LBXHF4040WKT1R0MNR Datasheet
388Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
LBXHF4040WKT101MNR TAIYO-YUDEN-LBXHF4040WKT101MNR Datasheet
386Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
LBXHF4040WKT220MNR TAIYO-YUDEN-LBXHF4040WKT220MNR Datasheet
386Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
LBXHF4040WKT221MNR TAIYO-YUDEN-LBXHF4040WKT221MNR Datasheet
386Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
LBXHF5050WBT101MMR TAIYO-YUDEN-LBXHF5050WBT101MMR Datasheet
386Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
LBXHF5050WBT4R7MMR TAIYO-YUDEN-LBXHF5050WBT4R7MMR Datasheet
388Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
LBXHF6060XKL100MMR TAIYO-YUDEN-LBXHF6060XKL100MMR Datasheet
338Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
2022/2/10
LBXHF6060XKL220MMR TAIYO-YUDEN-LBXHF6060XKL220MMR Datasheet
338Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
2022/2/10
LBXHF6060XKL2R2NMR TAIYO-YUDEN-LBXHF6060XKL2R2NMR Datasheet
338Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
2022/2/10
LBXHF5050WBT1R5NMR TAIYO-YUDEN-LBXHF5050WBT1R5NMR Datasheet
338Kb / 3P
Wire-wound Ferrite Power Inductors LBXH series for Telecommunications Infrastructure and Industrial Equipment
2022.07.11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com