Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DQ321-SHF2B-T Datasheet (PDF) - Renesas Technology Corp

AT45DQ321-SHF2B-T Datasheet PDF - Renesas Technology Corp
Part # AT45DQ321-SHF2B-T
Download  AT45DQ321-SHF2B-T Download
File Size   2815.1 Kbytes
Page   80 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support

AT45DQ321-SHF2B-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DQ321-SHF2B-T Datasheet PDF - Renesas Technology Corp

Part # AT45DQ321-SHF2B-T
Download  AT45DQ321-SHF2B-T Click to download

File Size   2815.1 Kbytes
Page   80 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support

AT45DQ321-SHF2B-T Datasheet (HTML) - Renesas Technology Corp


AT45DQ321-SHF2B-T Product details

▪ Single 2.3 V - 3.6 V supply
▪ Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports RapidS™ operation
• Supports Dual-input and Quad-input Buffer Write
• Supports Dual-output and Quad-output Read
▪ Very high operating frequencies
• 104 MHz (for SPI)
• 70 MHz (for Dual-I/O and Quad-I/O)
• Clock-to-output time (tV) of 7 ns maximum
▪ User-configurable page size
• 512 bytes per page
• 528 bytes per page (default)
• Page size can be factory pre-configured for 512 bytes
▪ Two fully independent SRAM data buffers (512 / 528 bytes)
• Allows receiving data while reprogramming the
main memory array




Similar Part No. - AT45DQ321-SHF2B-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DQ321-SHF-B ETC2-AT45DQ321-SHF-B Datasheet
2Mb / 82P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
AT45DQ321-SHF-T ETC2-AT45DQ321-SHF-T Datasheet
2Mb / 82P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
logo
Dialog Semiconductor
AT45DQ321-SHFHB-B DIALOG-AT45DQ321-SHFHB-B Datasheet
494Kb / 3P
32-Mbit, 2.3V Minimum SPI DataFlash짰 Memory
AT45DQ321-SHFHB-T DIALOG-AT45DQ321-SHFHB-T Datasheet
494Kb / 3P
32-Mbit, 2.3V Minimum SPI DataFlash짰 Memory
More results


Similar Description - AT45DQ321-SHF2B-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321E ETC2-AT45DB321E Datasheet
2Mb / 72P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DQ161 ETC2-AT45DQ161 Datasheet
2Mb / 81P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT45DB321E ETC2-AT45DB321E_13 Datasheet
2Mb / 73P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DQ161 DIALOG-AT45DQ161 Datasheet
1Mb / 83P
16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25SF081 RENESAS-AT25SF081 Datasheet
3Mb / 48P
8-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
02/2021
AT25SF321B RENESAS-AT25SF321B Datasheet
2Mb / 63P
32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
AT45DQ161 RENESAS-AT45DQ161 Datasheet
3Mb / 82P
16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
2/2022
AT45DQ321 RENESAS-AT45DQ321 Datasheet
3Mb / 81P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
2/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com