Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM339CG Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM339CG Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM339CG
Download  NJM339CG Download
File Size   486.04 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low power quad voltage comparators

NJM339CG Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM339CG Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM339CG
Download  NJM339CG Click to download

File Size   486.04 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low power quad voltage comparators

NJM339CG Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM339CG Product details

Features
• Wide single supply voltage range or dual supplies:
+2V to +36V or ±1V to ±18V
• Very low supply current : 0.8mA typ. at Vcc+=5V
• Low input bias current: 20nA typ.
• Input common-mode voltage range includes ground
• Low output saturation voltage: 160mV typ. at Isink = 4mA
• Differential input voltage range equal to the supply voltage: ±36V
• TTL, DTL, ECL, MOS, CMOS compatible outputs
• Internal ESD protection Human body model (HBM) ±2000V typ.
• Input Offset Voltage Grade




Similar Part No. - NJM339CG

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM339CG NJRC-NJM339CG Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
More results


Similar Description - NJM339CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
LOW POWER QUAD VOLTAGE COMPARATORS
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
STMicroelectronics
LM339QT STMICROELECTRONICS-LM339QT Datasheet
549Kb / 19P
Low-power quad voltage comparators
13-Jul-2011
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
logo
STMicroelectronics
LM139 STMICROELECTRONICS-LM139_V01 Datasheet
776Kb / 19P
Low-power quad voltage comparators
18-Aug-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com