Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJD11ND50D Datasheet (PDF) - Potens Semiconductor Corp.

PJD11ND50D Datasheet PDF - Potens Semiconductor Corp.
Part # PJD11ND50D
Download  PJD11ND50D Download
File Size   1291.23 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 500V N-Channel MOSFETs

PJD11ND50D Datasheet (PDF)

Go To PDF Page Download Datasheet
PJD11ND50D Datasheet PDF - Potens Semiconductor Corp.

Part # PJD11ND50D
Download  PJD11ND50D Click to download

File Size   1291.23 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 500V N-Channel MOSFETs

PJD11ND50D Datasheet (HTML) - Potens Semiconductor Corp.


PJD11ND50D Product details

Features
- 500V,11A, RDS(ON) =370mΩ @VGS = 10V
- Improved dv/dt capability
- Fast switching
- Green Device Available
- PFC Power Supply Stages
- DC-DC Converters
- Adapter

Applications
- Motor Control




Similar Part No. - PJD11ND50D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD11N06A PANJIT-PJD11N06A Datasheet
908Kb / 6P
60V N-Channel Enhancement Mode MOSFET
September 29,2017-REV.00
PJD11N06A-AU PANJIT-PJD11N06A-AU Datasheet
820Kb / 6P
60V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJD11N06A-AU_L2_000A1 PANJIT-PJD11N06A-AU_L2_000A1 Datasheet
820Kb / 6P
60V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJD11N06A_L2_00001 PANJIT-PJD11N06A_L2_00001 Datasheet
908Kb / 6P
60V N-Channel Enhancement Mode MOSFET
September 29,2017-REV.00
logo
Potens Semiconductor Co...
PJD11N65N POTENS-PJD11N65N Datasheet
1,012Kb / 5P
650V N-Channel MOSFETS
Ver.1.01
More results


Similar Description - PJD11ND50D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
N-Channel Power MOSFETs, 4.5A, 450V/500V
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
N-Channel Power MOSFETs, 12A, 450V/500V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
IRF440-443 FAIRCHILD-IRF440-443 Datasheet
150Kb / 5P
N-Channel Power MOSFETs, 8A, 450 V/500V
logo
Intersil Corporation
IRFR410 INTERSIL-IRFR410 Datasheet
55Kb / 7P
1.5A, 500V, 7.000 Ohm, N-Channel Power MOSFETs
July 1999
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
July 1999
logo
Potens Semiconductor Co...
PDD05N50 POTENS-PDD05N50 Datasheet
476Kb / 5P
500V N-Channel MOSFETs
Ver.1.00
logo
Shindengen Electric Mfg...
P5F50HP2F SHINDENGEN-P5F50HP2F Datasheet
1Mb / 8P
Power MOSFETs 500V, 5A, N-channel
logo
Thinki Semiconductor Co...
2SK2837 THINKISEMI-2SK2837 Datasheet
1Mb / 6P
THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
2SK4107 THINKISEMI-2SK4107 Datasheet
1Mb / 6P
THINKISEMI 15A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com