Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJF08N60D Datasheet (PDF) - Potens Semiconductor Corp.

PJF08N60D Datasheet PDF - Potens Semiconductor Corp.
Part # PJF08N60D
Download  PJF08N60D Download
File Size   1138.66 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 600V N-Channel MOSFETs

PJF08N60D Datasheet (PDF)

Go To PDF Page Download Datasheet
PJF08N60D Datasheet PDF - Potens Semiconductor Corp.

Part # PJF08N60D
Download  PJF08N60D Click to download

File Size   1138.66 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 600V N-Channel MOSFETs

PJF08N60D Datasheet (HTML) - Potens Semiconductor Corp.


PJF08N60D Product details

Features
- 600V,8A, RDS(ON) =540mΩ @VGS = 10V
- Improved dv/dt capability
- Fast switching
- Green Device Available
- PFC Power Supply Stages
- DC-DC Converters
- Adapter

Applications
- Motor Control




Similar Part No. - PJF08N60D

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PJF08N65N POTENS-PJF08N65N Datasheet
965Kb / 5P
650V N-Channel MOSFETs
Ver.1.01
More results


Similar Description - PJF08N60D

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSK2474J HSMC-HSK2474J Datasheet
51Kb / 5P
N-Channel MOSFETs
logo
ShenZhen XinDeYi Electr...
UT4N60F XINDEYI-UT4N60F Datasheet
3Mb / 5P
N-Ch 600V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UI02N60 UNITPOWER-UI02N60 Datasheet
2Mb / 5P
N-Ch 600V Fast Switching MOSFETs
UID4N60 UNITPOWER-UID4N60 Datasheet
3Mb / 4P
N-Ch 600V Fast Switching MOSFETs
logo
Central Semiconductor C...
PBCDM4_1509 CENTRAL-PBCDM4_1509 Datasheet
1Mb / 2P
600V, N-Channel UltraMOS??Power MOSFETs
logo
Bruckewell Technology L...
MSL01N60 BWTECH-MSL01N60 Datasheet
593Kb / 6P
600V N-Channel MOSFETs
logo
Thinki Semiconductor Co...
TS20N60PB THINKISEMI-TS20N60PB Datasheet
851Kb / 3P
20A,600V N-Channel Planar Process Power MOSFETs
logo
Shindengen Electric Mfg...
P4B60HP2F SHINDENGEN-P4B60HP2F Datasheet
1Mb / 7P
Power MOSFETs 600V, 4A, N-channel
P15F60HP2F SHINDENGEN-P15F60HP2F Datasheet
1Mb / 8P
Power MOSFETs 600V, 15A, N-channel
P30W60HP2V SHINDENGEN-P30W60HP2V Datasheet
1Mb / 7P
Power MOSFETs 600V, 30A, N-channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com