Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJF20N65N Datasheet (PDF) - Potens Semiconductor Corp.

PJF20N65N Datasheet PDF - Potens Semiconductor Corp.
Part # PJF20N65N
Download  PJF20N65N Download
File Size   952.09 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 650V N-Channel MOSFETs

PJF20N65N Datasheet (PDF)

Go To PDF Page Download Datasheet
PJF20N65N Datasheet PDF - Potens Semiconductor Corp.

Part # PJF20N65N
Download  PJF20N65N Click to download

File Size   952.09 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 650V N-Channel MOSFETs

PJF20N65N Datasheet (HTML) - Potens Semiconductor Corp.


PJF20N65N Product details

Features
- 650V,20A, RDS(ON) =190mΩ@VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available
- PFC Power Supply Stages
- DC-DC Converters
- Adapter

Applications
- Motor Control




Similar Part No. - PJF20N65N

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PJF20N60FD POTENS-PJF20N60FD Datasheet
1Mb / 5P
600V N-Channel MOSFETs
Ver.1.00
More results


Similar Description - PJF20N65N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
650V N-Channel MOSFET
logo
Unitpower Technology Li...
UB09N65 UNITPOWER-UB09N65 Datasheet
727Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD01N65 UNITPOWER-UD01N65 Datasheet
688Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD02N65 UNITPOWER-UD02N65 Datasheet
698Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD03N65 UNITPOWER-UD03N65 Datasheet
761Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD04N65 UNITPOWER-UD04N65 Datasheet
766Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UI01N65 UNITPOWER-UI01N65 Datasheet
694Kb / 4P
N-Ch 650V Fast Switching MOSFETs
logo
Thinki Semiconductor Co...
TSF8N65C THINKISEMI-TSF8N65C Datasheet
985Kb / 6P
7.5A,650V Insulated N-Channel Type Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com