Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK5003DPD Datasheet (PDF) - Renesas Technology Corp

RJK5003DPD Datasheet PDF - Renesas Technology Corp
Part # RJK5003DPD
Download  RJK5003DPD Download
File Size   86.35 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel Power MOS FET High Speed Power Switching Use

RJK5003DPD Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK5003DPD Datasheet PDF - Renesas Technology Corp

Part # RJK5003DPD
Download  RJK5003DPD Click to download

File Size   86.35 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel Power MOS FET High Speed Power Switching Use

RJK5003DPD Datasheet (HTML) - Renesas Technology Corp


RJK5003DPD Product details

Features
• VDSS : 500 V
• RDS(on) : 1.5 Ω (MAX.)
• ID : 5 A
• Surface mount package (MP-3A)




Similar Part No. - RJK5003DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5003DPD RENESAS-RJK5003DPD Datasheet
97Kb / 7P
Silicon N Channel Power MOS FET High Speed Power Switching Use
logo
Inchange Semiconductor ...
RJK5003DPD ISC-RJK5003DPD Datasheet
276Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
RJK5003DPD-00-J2 RENESAS-RJK5003DPD-00-J2 Datasheet
97Kb / 7P
Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD_10 Datasheet
97Kb / 7P
Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD_15 Datasheet
97Kb / 7P
Silicon N Channel Power MOS FET High Speed Power Switching Use
More results


Similar Description - RJK5003DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
Silicon N Channel Power MOS FET High Speed Power Switching
HAT2016R RENESAS-HAT2016R Datasheet
96Kb / 8P
Silicon N Channel Power MOS FET High Speed Power Switching
HAT2024R RENESAS-HAT2024R Datasheet
97Kb / 8P
Silicon N Channel Power MOS FET High Speed Power Switching
HAT2029R RENESAS-HAT2029R Datasheet
97Kb / 8P
Silicon N Channel Power MOS FET High Speed Power Switching
RJK0629DPN RENESAS-RJK0629DPN Datasheet
115Kb / 7P
N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE Datasheet
119Kb / 7P
N Channel Power MOS FET High-Speed Switching Use
RJK0629DPK RENESAS-RJK0629DPK Datasheet
119Kb / 7P
N Channel Power MOS FET High-Speed Switching Use
RJK5003DPD RENESAS-RJK5003DPD_10 Datasheet
97Kb / 7P
Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD_15 Datasheet
97Kb / 7P
Silicon N Channel Power MOS FET High Speed Power Switching Use
HAT2038R RENESAS-HAT2038R_15 Datasheet
248Kb / 10P
Silicon N Channel Power MOS FET High Speed Power Switching Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com