Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWEF25D2S Datasheet (PDF) - Potens Semiconductor Corp.

PWEF25D2S Datasheet PDF - Potens Semiconductor Corp.
Part # PWEF25D2S
Download  PWEF25D2S Download
File Size   1131.6 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 24V Dual N-Channel MOSFETs

PWEF25D2S Datasheet (PDF)

Go To PDF Page Download Datasheet
PWEF25D2S Datasheet PDF - Potens Semiconductor Corp.

Part # PWEF25D2S
Download  PWEF25D2S Click to download

File Size   1131.6 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 24V Dual N-Channel MOSFETs

PWEF25D2S Datasheet (HTML) - Potens Semiconductor Corp.


PWEF25D2S Product details

Features
- 24V,6A, RSS(ON) =46mΩ @VGS = 4.5V
- Fast switching
- G-S ESD Protection Diode Embedded
- Green Device Available
- Battery Management
- POL Applications
- Battery Protection Applications
- 1-Cell Lithium-ion Battery Charging and

Applications




Similar Part No. - PWEF25D2S

ManufacturerPart #DatasheetDescription
logo
Amphenol LTW
PWE-03AMMM-LL6000 LTW-PWE-03AMMM-LL6000 Datasheet
1,020Kb / 6P
Complete Range of Waterproof Connectors Cable Assembly
PWE-05BFFA-SL7001 LTW-PWE-05BFFA-SL7001 Datasheet
98Kb / 1P
Power, Assy Screw 5Pin F Conn F Pin
2017-04-14
PWE-07AFFM-SL7A01 LTW-PWE-07AFFM-SL7A01 Datasheet
1,020Kb / 6P
Complete Range of Waterproof Connectors Cable Assembly
logo
Autonics Corporation
PWE-102-R AUTONICS-PWE-102-R Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
MORNSUN Science& Techno...
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
More results


Similar Description - PWEF25D2S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7200S FAIRCHILD-FDMC7200S Datasheet
501Kb / 13P
Dual N-Channel PowerTrench MOSFETs
logo
Alpha & Omega Semicondu...
AON3818 AOSMD-AON3818 Datasheet
350Kb / 5P
24V Dual N-Channel AlphaMOS
AON3820 AOSMD-AON3820 Datasheet
330Kb / 5P
24V Dual N-Channel AlphaMOS
logo
First Silicon Co., Ltd
FTK2216DFN22NN FS-FTK2216DFN22NN Datasheet
981Kb / 5P
20V Dual N-Channel MOSFETs
FTK2516DFN23 FS-FTK2516DFN23 Datasheet
882Kb / 6P
20V Dual N-Channel MOSFETs
FTK3810 FS-FTK3810 Datasheet
916Kb / 5P
30V Dual N-Channel MOSFETs
FTK3812 FS-FTK3812 Datasheet
928Kb / 5P
30V Dual N-Channel MOSFETs
FTK4806T FS-FTK4806T Datasheet
800Kb / 5P
40V Dual N-Channel MOSFETs
FTK3810V FS-FTK3810V Datasheet
1Mb / 5P
30V Dual N-Channel MOSFETs
logo
TECH PUBLIC Electronics...
AO4882 TECHPUBLIC-AO4882 Datasheet
2Mb / 4P
40V Dual N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com