Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH313 Datasheet (PDF) - Hittite Microwave Corporation

HMC-ALH313 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-ALH313
Download  HMC-ALH313 Download

File Size   188.09 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz

HMC-ALH313 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-ALH313 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-ALH313
Download  HMC-ALH313 Click to download

File Size   188.09 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz

HMC-ALH313 Datasheet (HTML) - Hittite Microwave Corporation

HMC-ALH313 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ALH313 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ALH313 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-ALH313 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ALH313 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ALH313 Datasheet HTML 6Page - Hittite Microwave Corporation

HMC-ALH313 Product details

General Description
The HMC-ALH313 is a three stage GaAs MMIC HEMT Low Noise Amplifi er die which operates between 27 and 33 GHz. The amplifi er provides 20 dB of gain, a 3 dB noise fi gure and +12 dBm of output power at 1 dB gain compression while requiring only 52 mA from a +2.5V supply voltage. This amplifi er die is ideal for use as a LNA or driver amplifi er, and may be easily integrated into Multi-Chip-Modules (MCMs) due to its small size (1.30 mm2) .

Features
   Noise Figure: 3 dB
   Gain: 20 dB
   P1dB Output Power: +12 dBm
   Supply Voltage: +2.5V @ 52 mA
   Die Size: 1.80 x 0.73 x 0.1 mm

Typical Applications
This HMC-ALH313 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
• Test Equipment & Sensors
• Military & Space




Similar Part No. - HMC-ALH313

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH313 HITTITE-HMC-ALH313 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC-ALH313 HITTITE-HMC-ALH313 Datasheet
187Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz
logo
Analog Devices
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-ALH313 HITTITE-HMC-ALH313_09 Datasheet
187Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz
More results


Similar Description - HMC-ALH313

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH313 HITTITE-HMC-ALH313_09 Datasheet
187Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 27 - 33 GHz
HMC-ALH476 HITTITE-HMC-ALH476 Datasheet
190Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC504LC4B HITTITE-HMC504LC4B Datasheet
911Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC-ALH216 HITTITE-HMC-ALH216 Datasheet
190Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com