Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2393M Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM2393M Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM2393M
Download  NJM2393M Download
File Size   215.75 Kbytes
Page   8 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Step-Down PWM DC/DC Converter IC

NJM2393M Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2393M Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM2393M
Download  NJM2393M Click to download

File Size   215.75 Kbytes
Page   8 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Step-Down PWM DC/DC Converter IC

NJM2393M Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM2393M Product details

■FEATURES •Operating Voltage 3.0V~40V
•Wide Oscillator Frequency 1kHz~150kHz
•Precision Reference Voltage Vth=1.25V ± 1%
•Internal High Power Transistor 1.5A max.
•Maximum duty ratio 100%
•Internal Over Current Limit Circuit
•PWM switching control
•Bipolar Technology
•Package Outline NJM2393D : DIP8
NJM2393M : DMP8




Similar Part No. - NJM2393M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
Step-Down PWM DC/DC Converter IC
More results


Similar Description - NJM2393M

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
PWM/VFM Step-down DC/DC Converter
Rev. 1.11
R1224N RICOH-R1224N Datasheet
1Mb / 42P
PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
PWM/VFM step-down DC/DC Converter
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
Step-down DC-DC Converter IC
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
Step-down DC-DC Converter IC
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
DC/DC Step-Down Converter IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
Step-Down PWM DC/DC Converter IC
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
PWM step down DC/DC converter
logo
ACE Technology Co., LTD...
ACE73205F ACE-ACE73205F Datasheet
287Kb / 3P
PWM Step-down DC-DC Controller IC
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com