Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT75XXS Datasheet (PDF) - SHENZHEN WPMTEK CO., LTD

HT75XXS Datasheet PDF - SHENZHEN WPMTEK CO., LTD
Part # HT75XXS
Download  HT75XXS Download
File Size   889.79 Kbytes
Page   14 Pages
Manufacturer  WPMTEK [SHENZHEN WPMTEK CO., LTD]
Direct Link  http://www.wpmtek.com/
Logo WPMTEK - SHENZHEN WPMTEK CO., LTD
Description 150mA Low Power LDO

HT75XXS Datasheet (PDF)

Go To PDF Page Download Datasheet
HT75XXS Datasheet PDF - SHENZHEN WPMTEK CO., LTD

Part # HT75XXS
Download  HT75XXS Click to download

File Size   889.79 Kbytes
Page   14 Pages
Manufacturer  WPMTEK [SHENZHEN WPMTEK CO., LTD]
Direct Link  http://www.wpmtek.com/
Logo WPMTEK - SHENZHEN WPMTEK CO., LTD
Description 150mA Low Power LDO

HT75XXS Datasheet (HTML) - SHENZHEN WPMTEK CO., LTD


HT75XXS Product details

Features
 Low power consumption
 Low voltage drop
 Low temperature coefficient
 High input voltage (up to 15V)
 Output voltage accuracy: tolerance ±2%
 SOT89 , SOT23-3 and SOT23 package
Applications
 Battery-powered equipment
 Communication equipment
 Audio/Video equipment




Similar Part No. - HT75XXS

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
HT75XXS TECHPUBLIC-HT75XXS Datasheet
3Mb / 7P
Ultra low power consumption, High Voltage Regul LDO
HT75XXS-2 TECHPUBLIC-HT75XXS-2 Datasheet
3Mb / 7P
Ultra low power consumption, High Voltage Regul LDO
More results


Similar Description - HT75XXS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com