Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR05LC Datasheet (PDF) - SHENZHEN WPMTEK CO., LTD

SR05LC Datasheet PDF - SHENZHEN WPMTEK CO., LTD
Part # SR05LC
Download  SR05LC Download
File Size   710.65 Kbytes
Page   5 Pages
Manufacturer  WPMTEK [SHENZHEN WPMTEK CO., LTD]
Direct Link  http://www.wpmtek.com/
Logo WPMTEK - SHENZHEN WPMTEK CO., LTD
Description 2-Line Ultra-Low Capacitance TVS Diode Array

SR05LC Datasheet (PDF)

Go To PDF Page Download Datasheet
SR05LC Datasheet PDF - SHENZHEN WPMTEK CO., LTD

Part # SR05LC
Download  SR05LC Click to download

File Size   710.65 Kbytes
Page   5 Pages
Manufacturer  WPMTEK [SHENZHEN WPMTEK CO., LTD]
Direct Link  http://www.wpmtek.com/
Logo WPMTEK - SHENZHEN WPMTEK CO., LTD
Description 2-Line Ultra-Low Capacitance TVS Diode Array

SR05LC Datasheet (HTML) - SHENZHEN WPMTEK CO., LTD


SR05LC Product details

Features
- Ultra low capacitance: 0.3pF typical
- Ultra low leakage: nA level
- Operating voltage: 5V
- Low clamping voltage
- Complies with following standards:
- – IEC 61000-4-2 (ESD) immunity test
- Air discharge: ±25kV
- Contact discharge: ±20kV
- – IEC61000-4-5 (Lightning) 5A (8/20µs)
- RoHS Compliant
- Dimensions & Symbol(Unit: mm Max)
- Circuit Diagram
- Pin Schematic


Applications
 Cellular Handsets and Accessories
 Notebooks and Handhelds
 Personal Digital Assistants
 Portable Instrumentation
 Digital Cameras
 Peripherals
 Audio Players, Keypads, Side Keys, LCD
 USB 2.0




Similar Part No. - SR05LC

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SR05L LEIDITECH-SR05L Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
logo
First Silicon Co., Ltd
SR05L FS-SR05L Datasheet
699Kb / 5P
3-Line Ultra Low Capacitance TVS Diode
2022. 04. 26 Revision No : 0
More results


Similar Description - SR05LC

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0502S1 APMICRO-AR0502S1 Datasheet
766Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
AR0502S5 APMICRO-AR0502S5 Datasheet
798Kb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
AR0506PA APMICRO-AR0506PA Datasheet
580Kb / 5P
6-Line Ultra Low Capacitance TVS Diode Array
AR0524P5 APMICRO-AR0524P5 Datasheet
924Kb / 11P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ESDA05P3 LEIDITECH-ESDA05P3 Datasheet
366Kb / 3P
2-Line Low Capacitance TVS Diode Array
ULC0542T LEIDITECH-ULC0542T Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
RCLAMP3382P LEIDITECH-RCLAMP3382P Datasheet
2Mb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
RCLAMP0522P LEIDITECH-RCLAMP0522P Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
TPD4S009DCKR LEIDITECH-TPD4S009DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com