Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2802-1-A Datasheet (PDF) - Renesas Technology Corp

PS2802-1-A Datasheet PDF - Renesas Technology Corp
Part # PS2802-1-A
Download  PS2802-1-A Download
File Size   5344.01 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER

PS2802-1-A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2802-1-A Datasheet PDF - Renesas Technology Corp

Part # PS2802-1-A
Download  PS2802-1-A Click to download

File Size   5344.01 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER

PS2802-1-A Datasheet (HTML) - Renesas Technology Corp


PS2802-1-A Product details

 High isolation voltage (BV = 2 500 Vr.m.s.)
 Small and thin package (4, 16-pin SSOP, Pin pitch 1.27 mm)
 High current transfer ratio (CTR = 2 000 % TYP. @ IF = 1 mA, VCE = 2 V)
 Embossed tape product
:PS2802-1-F3: 3 500 pcs/reel
: PS2802-4-F3: 2 500 pcs/reel
 Pb-free product  Safety standards
 UL approved: UL 1577, Single protection
 CSA approved: CSA-C22.2 No. 62368-1, Basic insulation
 BSI approved: BS EN IEC 62368-1, Basic/Supplementary insulation
 VDE approved: DIN EN IEC 60747-5-5 (Option)




Similar Part No. - PS2802-1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2802-1-A CEL-PS2802-1-A Datasheet
395Kb / 14P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
More results


Similar Description - PS2802-1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801C-1-P-A RENESAS-PS2801C-1-P-A Datasheet
538Kb / 13P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com