Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5932 Datasheet (PDF) - Texas Instruments

AFE5932 Datasheet PDF - Texas Instruments
Part # AFE5932
Download  AFE5932 Download
File Size   469.9 Kbytes
Page   5 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE5932, 32-Channel Ultrasound AFE With 17-mW/Channel Power, 2-nV/√Hz Noise, 12-Bit, 50-MSPS Output

AFE5932 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE5932 Datasheet PDF - Texas Instruments

Part # AFE5932
Download  AFE5932 Click to download

File Size   469.9 Kbytes
Page   5 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE5932, 32-Channel Ultrasound AFE With 17-mW/Channel Power, 2-nV/√Hz Noise, 12-Bit, 50-MSPS Output

AFE5932 Datasheet (HTML) - Texas Instruments


AFE5932 Product details

1 Features
• AFE5932 supports:
– 32-channels attenuator, PGA+LPF, 12-bit ADC,
digital features with a decimation block
• Input Attenuator (ATTEN) with DTGC
– 24dB to 0dB attenuation range with 0.125dB
step. Using in-built DTGC engine attenuation
can be changed in real time.
• Post-gain Amplifier (PGA) and low-pass filter LPF
– Programmable gain of 12, 15 & 18 dB
– Maximum output swing support 1.6 Vpp
– LPF supported corners: First order filter with
corner 10, 15 & 20 MHz
• Analog to digital convertor
– Maximum input swing support: 1.6 Vpp
– Resolution: 12bit
– Maximum ADC clock frequency (fADC_CLK):
50MHz
– Full scale SNR: 62 dBFS
• Decimation: Optional decimation block after ADC
to decimate data by 2 or 4.
• Compression block to combine data in fewer LVDS
lanes as per the decimation factor
• Total Power: 17 mW/ch at ADC Clock of 50MHz
• Low speed CMOS serial programming interface to
program front end and ADC upto 40MHz speed
• Supply: 1.8V and 1.15V
• Small package: FC-BGA-100 (10mm × 10mm) with
0.8mm pitch

2 Applications
• Ultrasound imaging system
• Piezoelectric driver
• In-probe ultrasound imaging

3 Description
The AFE5932 is a highly integrated, low power
receiver device designed for portable ultrasound
imaging systems. The device boasts a total of 32
receiver channels, each featuring an attenuator, PGA
and low-pass filter, and ADC.




Similar Part No. - AFE5932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE53004W TI2-AFE53004W Datasheet
2Mb / 87P
AFEx3004W 10-Bit, 12-Bit, Quad Voltage and Current Output, 10-Bit ADC, Smart AFEs in DSBGA Package
28-Sep-2025
AFE53004YBHR TI2-AFE53004YBHR Datasheet
2Mb / 87P
AFEx3004W 10-Bit, 12-Bit, Quad Voltage and Current Output, 10-Bit ADC, Smart AFEs in DSBGA Package
28-Sep-2025
AFE532A3W TI1-AFE532A3W Datasheet
2Mb / 93P
AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
NOVEMBER 2023
AFE532A3YBHR TI1-AFE532A3YBHR Datasheet
2Mb / 93P
AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
NOVEMBER 2023
AFE53902-Q1 TI1-AFE53902-Q1 Datasheet
2Mb / 65P
AFEx3902-Q1 Smart Analog Front End (AFE) for Multislope Thermal Foldback and LUT-Based Control With I2C and SPI
JUNE 2023
More results


Similar Description - AFE5932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE58JD16 TI-AFE58JD16_15 Datasheet
179Kb / 9P
AFE58JD16 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5818 TI-AFE5818_15 Datasheet
2Mb / 156P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
AFE58JD28 TI1-AFE58JD28 Datasheet
148Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer
AFE5828 TI1-AFE5828 Datasheet
147Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, LVDS Interface, and Passive CW Mixer
AFE58JD32 TI1-AFE58JD32 Datasheet
874Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power,12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
AFE5832 TI1-AFE5832 Datasheet
876Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer and LVDS Interface
AFE5832LP TI1-AFE5832LP Datasheet
178Kb / 8P
32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer
AFE58JD48 TI1-AFE58JD48 Datasheet
200Kb / 7P
AFE58JD48 16-Channel Ultrasound AFE with 140-mW/Channel Power, 0.8-nV/?숰z Noise, 16-Bit, 125-MSPS ADC with JESD or LVDS Interface, Digital Demodulator, and Passive CW Mixer
AFE58JD32LP TI1-AFE58JD32LP Datasheet
212Kb / 6P
AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com