Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC21212 Datasheet (PDF) - Renesas Technology Corp

RC21212 Datasheet PDF - Renesas Technology Corp
Part # RC21212
Download  RC21212 Download
File Size   1420.21 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AutoClock Automotive Programmable Clock Generator Family

RC21212 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC21212 Datasheet PDF - Renesas Technology Corp

Part # RC21212
Download  RC21212 Click to download

File Size   1420.21 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AutoClock Automotive Programmable Clock Generator Family

RC21212 Datasheet (HTML) - Renesas Technology Corp


RC21212 Product details

Diagnostic Features
▪ Redundant crystal option with automatic switching
▪ Cyclic Redundancy Check (CRC) monitors for OTP image, I2C accesses, and register contents
▪ Output frequency monitors
▪ APLL loss-of-lock monitor
▪ Power-on self-test
▪ Programmable GPIO to indicate internal error or fault conditions

Applications
▪ Infotainment
▪ Gateway
▪ Domain controller
▪ Zone controller

Features
▪ 169fs RMS phase jitter (12kHz to 20MHz, 156.25MHz)
▪ PCIe® Gen6 Common Clock (CC) 27fs RMS
▪ PCIe SRIS and SRNS support
▪ 1kHz to 650MHz (differential) and 1kHz to 200MHz (single-ended) outputs
▪ LVCMOS, LVDS, or Low-Power HCSL output types with simple AC-coupling to LVPECL and CML. LPHCSL integrates terminations.
▪ Seven programmable General Purpose Input-Outputs (GPIO)
▪ 1MHz I2C serial port
▪ Multiple configurations can be stored in internal One-Time Programmable (OTP) memory.
▪ 1.8V and/or 3.3V operation
▪ Package options:
• 12 differential or 24 single-ended outputs
◦ 6 × 6 × 0.75 mm, 48-QFN package
◦ RC21211: Single crystal
◦ RC21212: Dual crystal
• 8 differential or 16 single-ended outputs
◦ 5 × 5 × 0.75 mm, 40-QFN package
◦ RC21213: Single crystal
◦ RC21214: Dual crystal




Similar Part No. - RC21212

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC21212A000GNA#BB0 RENESAS-RC21212A000GNA#BB0 Datasheet
1Mb / 43P
AutoClock Automotive Programmable Clock Generator Family
Sep 2, 2025
RC21212A000GNA#KB0 RENESAS-RC21212A000GNA#KB0 Datasheet
1Mb / 43P
AutoClock Automotive Programmable Clock Generator Family
Sep 2, 2025
RC21212ADDDGNA#BB0 RENESAS-RC21212ADDDGNA#BB0 Datasheet
1Mb / 43P
AutoClock Automotive Programmable Clock Generator Family
Sep 2, 2025
RC21212ADDDGNA#KB0 RENESAS-RC21212ADDDGNA#KB0 Datasheet
1Mb / 43P
AutoClock Automotive Programmable Clock Generator Family
Sep 2, 2025
More results


Similar Description - RC21212

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
Programmable Clock Generator
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
logo
Renesas Technology Corp
RC210XXA RENESAS-RC210XXA Datasheet
1Mb / 59P
VersaClock 7 Programmable Clock Generator Family
Nov 22, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com