Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1778X2 Datasheet (PDF) - Vishay Siliconix

F1778X2 Datasheet PDF - Vishay Siliconix
Part # F1778X2
Download  F1778X2 Download
File Size   165.43 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line

F1778X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1778X2 Datasheet PDF - Vishay Siliconix

Part # F1778X2
Download  F1778X2 Click to download

File Size   165.43 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line

F1778X2 Datasheet (HTML) - Vishay Siliconix


F1778X2 Product details

FEATURES
• 7.5 mm to 27.5 mm lead pitch
• Self-healing properties
• For temperature up to 110 °C
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912

APPLICATIONS
For standard across the line X2 applications.
See also application note: www.vishay.com/doc?28153




Similar Part No. - F1778X2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778X2 VISHAY-F1778X2 Datasheet
165Kb / 13P
Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
13-Dec-13
More results


Similar Description - F1778X2

ManufacturerPart #DatasheetDescription
logo
RFE international
MPX474K275VAC225B200S RFE-MPX474K275VAC225B200S Datasheet
95Kb / 1P
AC ACROSS-THE-LINE FILM CAPACITORS MPX Series: Interference Suppressor X2
logo
Vishay Siliconix
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
Interference Suppression Film Capacitors MKP Radial Potted Type
06-Aug-12
F1778410K2FCB0 VISHAY-F1778410K2FCB0 Datasheet
165Kb / 13P
Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
13-Dec-13
BFC233860332 VISHAY-BFC233860332 Datasheet
159Kb / 15P
Interference Suppression Film Capacitor - Class Y2 Radial MKP 300 VAC - Line to Ground Application
10-Dec-13
F17723102030 VISHAY-F17723102030 Datasheet
136Kb / 12P
Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
15-Apr-14
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
Interference Suppression Film Capacitors MKP Radial Potted Type
13-May-13
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
THB Grade IIIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
11-Oct-2019
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
THB Grade IIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
14-Aug-2019
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
Interference Suppression Film Capacitor - Class X2 Axial MKT 253 VAC - Continuous Across the Line
27-Jan-2021
logo
RFE international
MKP RFE-MKP Datasheet
752Kb / 2P
AC "ACROSS-THE LINE" FILM CAPACITORS MKP: X-2 Class, Standard Size
2015.03.09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com