Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C4363 Datasheet (PDF) - Pericom Semiconductor Corporation

PT7C4363 Datasheet PDF - Pericom Semiconductor Corporation
Part # PT7C4363
Download  PT7C4363 Download
File Size   545.89 Kbytes
Page   22 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Real-time Clock Module (I2C Bus)

PT7C4363 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT7C4363 Datasheet PDF - Pericom Semiconductor Corporation

Part # PT7C4363
Download  PT7C4363 Click to download

File Size   545.89 Kbytes
Page   22 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Real-time Clock Module (I2C Bus)

PT7C4363 Datasheet (HTML) - Pericom Semiconductor Corporation


PT7C4363 Product details

Description
The PT7C4363 serial real-time clock is a low-power clock/calendar with a programmable square-wave output.
   
Features
• Using external 32.768kHz quartz crystal
• Supports I2C-Buss high speed mode (400 kHz)
• Includes time (Hour/Minute/Second) and calendar
    (Year/Month/Date/Day) counter functions (BCD
    code)
• Programmable square wave output signal
• Oscillator stop flag
• Low backup current: typ. 500nA at VDD=3.0V and
    TA=25°C
• Operating range: 1.8V to 5.5V
   




Similar Part No. - PT7C4363

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4363WE PERICOM-PT7C4363WE Datasheet
588Kb / 20P
Real-time Clock Module
PT7C4363 PERICOM-PT7C4363_13 Datasheet
588Kb / 20P
Real-time Clock Module
More results


Similar Description - PT7C4363

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
Real-time Clock Module (I2C Bus)
PT7C433833 PERICOM-PT7C433833 Datasheet
626Kb / 17P
Real-time Clock Module (I2C Bus)
logo
Epson Company
RA-8565SA EPSON-RA-8565SA Datasheet
287Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RX-8731LC EPSON-RX-8731LC Datasheet
261Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com