Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP12N40P Datasheet (PDF) - A POWER MICROELECTRONICS

AP12N40P Datasheet PDF - A POWER MICROELECTRONICS
Part # AP12N40P
Download  AP12N40P Download
File Size   2049.51 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 400V N-Channel Enhancement Mode MOSFET

AP12N40P Datasheet (PDF)

Go To PDF Page Download Datasheet
AP12N40P Datasheet PDF - A POWER MICROELECTRONICS

Part # AP12N40P
Download  AP12N40P Click to download

File Size   2049.51 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 400V N-Channel Enhancement Mode MOSFET

AP12N40P Datasheet (HTML) - A POWER MICROELECTRONICS


AP12N40P Product details

Features
- VDS = 400V ID =12A
- RDS(ON) < 500mΩ @ VGS=10V (Type:430mΩ)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP12N40P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP12N40D APME-AP12N40D Datasheet
1Mb / 7P
400V N-Channel Enhancement Mode MOSFET
More results


Similar Description - AP12N40P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
400V N-Channel MOSFET
FQP7N40 FAIRCHILD-FQP7N40 Datasheet
757Kb / 8P
400V N-Channel MOSFET
logo
Pan Jit International I...
PJP730 PANJIT-PJP730 Datasheet
217Kb / 6P
400V N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
730 WXDH-730 Datasheet
1Mb / 12P
6A 400V N-channel Enhancement Mode Power MOSFET
740 WXDH-740 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
DH10N40 WXDH-DH10N40 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com