Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R08DS0190EJ0200 Datasheet (PDF) - Renesas Technology Corp

R08DS0190EJ0200 Datasheet PDF - Renesas Technology Corp
Part # R08DS0190EJ0200
Download  R08DS0190EJ0200 Download
File Size   260.55 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AUTOMOTIVE 1 Mbps, OPEN COLLECTOR OUTPUT, 5-PIN SOP (SO5) PHOTOCOUPLER

R08DS0190EJ0200 Datasheet (PDF)

Go To PDF Page Download Datasheet
R08DS0190EJ0200 Datasheet PDF - Renesas Technology Corp

Part # R08DS0190EJ0200
Download  R08DS0190EJ0200 Click to download

File Size   260.55 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AUTOMOTIVE 1 Mbps, OPEN COLLECTOR OUTPUT, 5-PIN SOP (SO5) PHOTOCOUPLER

R08DS0190EJ0200 Datasheet (HTML) - Renesas Technology Corp


R08DS0190EJ0200 Product details

Features
• Operating ambient temperature (TA = −40 to +135 °C)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• High speed response (tPHL = 700 ns MAX., tPLH = 700 ns MAX., PWD = 500 ns MAX.)
• High common mode transient immunity (CMH, CML = ±15 kV/µs MIN.)
• Small package (SO5)
• Pb-free product
• AEC-Q100 (Grade 1: TA = −40 to +125 °C) compliant
• Safety standard
• UL : UL1577, Double protection




Similar Part No. - R08DS0190EJ0200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R08DS0197EJ0101 RENESAS-R08DS0197EJ0101 Datasheet
279Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE
Nov 4, 2022
R08DS0198EJ0100 RENESAS-R08DS0198EJ0100 Datasheet
5Mb / 15P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE
Dec 25, 2020
R08DS0199EJ0200 RENESAS-R08DS0199EJ0200 Datasheet
5Mb / 15P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE
Rev.2.00 Jan. 13, 2026
More results


Similar Description - R08DS0190EJ0200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9122 RENESAS-PS9122 Datasheet
318Kb / 20P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9113 CEL-PS9113 Datasheet
254Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9122 RENESAS-PS9122_15 Datasheet
310Kb / 20P
1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5)
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com