Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1149AFH1 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW1149AFH1 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW1149AFH1
Download  NJW1149AFH1 Download
File Size   253.87 Kbytes
Page   25 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Audio Processor with Sound Enhancement and TruSurround 5.1ch Virtualizer

NJW1149AFH1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW1149AFH1 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW1149AFH1
Download  NJW1149AFH1 Click to download

File Size   253.87 Kbytes
Page   25 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Audio Processor with Sound Enhancement and TruSurround 5.1ch Virtualizer

NJW1149AFH1 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW1149AFH1 Product details

 FEATURES
 Operating Voltage 8 to 10 V
 I2C BUS Interface
 TruSurround 5.1ch. / 4ch. / 2ch. Inputs
 BBE 0dB to +15dB(0.5dB/step)
 eala (surround effect ; 2 steps) and Simulated Stereo
Volume 0 to -80dB, MUTE (0.33dB/step)
Balance 0 to -30dB, MUTE (1dB/step)
Tone Control -15dB to +15dB(0.5dB/step)
 Bi-CMOS Technology
 Package Outline QFP64-H1




Similar Part No. - NJW1149AFH1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1149 NJRC-NJW1149 Datasheet
313Kb / 26P
Audio Processor with Sound Enhancement and TruSurround 5.1ch Virtualizer
More results


Similar Description - NJW1149AFH1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
TruSurround 3D AUDIO PROCESSOR?
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
AUDIO PROCESSOR with SOUND ENHANCEMENT
NJW1148 NJRC-NJW1148 Datasheet
422Kb / 29P
Audio Processor with Sound Enhancement and TruSurround Virtualizer
NJM2152 NJRC-NJM2152 Datasheet
216Kb / 8P
SOUND ENHANCEMENT AUDIO PROCESSOR
NJW1149 NJRC-NJW1149 Datasheet
313Kb / 26P
Audio Processor with Sound Enhancement and TruSurround 5.1ch Virtualizer
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
logo
Rohm
BD3811K1 ROHM-BD3811K1_1 Datasheet
536Kb / 18P
5.1ch Sound Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com