Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCT-0010-005 Datasheet (PDF) - Magnelab.

DCT-0010-005 Datasheet PDF - Magnelab.
Part # DCT-0010-005
Download  DCT-0010-005 Download
File Size   144.15 Kbytes
Page   1 Pages
Manufacturer  MAGNELAB [Magnelab.]
Direct Link  https://magnelab.com/
Logo MAGNELAB - Magnelab.
Description Split-Core DC Voltage Output Transducer DCT-0010-XXX, 5 VDC Output

DCT-0010-005 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCT-0010-005 Datasheet PDF - Magnelab.

Part # DCT-0010-005
Download  DCT-0010-005 Click to download

File Size   144.15 Kbytes
Page   1 Pages
Manufacturer  MAGNELAB [Magnelab.]
Direct Link  https://magnelab.com/
Logo MAGNELAB - Magnelab.
Description Split-Core DC Voltage Output Transducer DCT-0010-XXX, 5 VDC Output

DCT-0010-005 Datasheet (HTML) - Magnelab.


DCT-0010-005 Product details

Description:
Magnelab’s DCT-0010-XXX split-core current
transducer “senses” AC current up to 50 Amps
passing through the center conductor. Split-core
transformers are ideal for installation on existing
electrical wiring by snapping around the conductor. The
DCT-0010-XXX has a self-locking mechanism.
Features:
• Rated input up to 50 Amp AC
• Output of 5 Vdc at rated current (7.5 Vdc limit built in)
• Accuracy ± 2% full scale
• Operating temperature -20°C to 50°C
• Line Response Time 300 ms
• Output Ripple within 5% of Output Voltage
• Frequency range 50/60 Hz
• 2 X M3-Screw terminals
• System Voltage: CAT III 600VAC
• UL recognized IEC 61010-1, CE, and RoHS Compliant




Similar Part No. - DCT-0010-005

ManufacturerPart #DatasheetDescription
logo
Magnelab.
DCT-0016-005-10VDC MAGNELAB-DCT-0016-005-10VDC Datasheet
200Kb / 1P
Split-Core DC Voltage Output Transducer DCT-0016-XXX/10 VDC, 10 VDC Output
DCT-0016-010-10VDC MAGNELAB-DCT-0016-010-10VDC Datasheet
200Kb / 1P
Split-Core DC Voltage Output Transducer DCT-0016-XXX/10 VDC, 10 VDC Output
DCT-0016-100 MAGNELAB-DCT-0016-100 Datasheet
204Kb / 1P
Split-Core DC Voltage Output Transducer DCT-0016-100, 5 VDC Output
More results


Similar Description - DCT-0010-005

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Beijing Yaohuadechang E...
SCT010T-D YHDC-SCT010T-D Datasheet
6Mb / 1P
T-D series DC output split core current transformer
SCT016T-D YHDC-SCT016T-D Datasheet
3Mb / 1P
T-D series DC output split core current transformer
SCT024TS-D YHDC-SCT024TS-D Datasheet
1Mb / 1P
T-D series DC output split core current transformer
SCT036TS-D YHDC-SCT036TS-D Datasheet
987Kb / 1P
T-D series DC output split core current transformer
logo
WAGO Kontakttechnik Gmb...
787-2801 WAGO-787-2801 Datasheet
390Kb / 6P
DC/DC Converter; 24 VDC input voltage; 5 VDC output voltage
787-2810 WAGO-787-2810 Datasheet
419Kb / 6P
DC/DC Converter; 24 VDC input voltage; 5/10/12 VDC adjustable output voltage
859-804 WAGO-859-804 Datasheet
105Kb / 6P
DC/DC Converter; 12 VDC input voltage; 24 VDC output voltage
18.10.2021
859-806 WAGO-859-806 Datasheet
82Kb / 4P
DC/DC Converter; 12 VDC input voltage; 12 VDC output voltage
18.10.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com