Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88CKSCKTSOIC-XPRO Datasheet (PDF) - Microchip Technology

AT88CKSCKTSOIC-XPRO Datasheet PDF - Microchip Technology
Part # AT88CKSCKTSOIC-XPRO
Download  AT88CKSCKTSOIC-XPRO Download
File Size   273.75 Kbytes
Page   1 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CryptoAuthentication SOIC Socket Board 88CKSCKTSOIC XPRO

AT88CKSCKTSOIC-XPRO Datasheet (PDF)

Go To PDF Page Download Datasheet
AT88CKSCKTSOIC-XPRO Datasheet PDF - Microchip Technology

Part # AT88CKSCKTSOIC-XPRO
Download  AT88CKSCKTSOIC-XPRO Click to download

File Size   273.75 Kbytes
Page   1 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CryptoAuthentication SOIC Socket Board 88CKSCKTSOIC XPRO

AT88CKSCKTSOIC-XPRO Datasheet (HTML) - Microchip Technology


AT88CKSCKTSOIC-XPRO Product details

Features:-
 1 - 8 Pin SOIC Socket for 8 Pin SOIC Crypto Authentication Devices
 1 - 8 Bit Selection switch for selection of Single Wire, I2C or SPI Mode interfaces  Observation Header Port for monitoring signals
 Parasitic Power Support
 GPIO and Intrusion Detection Support for ECC Products.
 On board LED indicating when Power is connected.




Similar Part No. - AT88CKSCKTSOIC-XPRO

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88CK101BK8 ATMEL-AT88CK101BK8 Datasheet
510Kb / 7P
Atmel CryptoAuthentication Starter Kit
3/11
AT88CK101STK3 ATMEL-AT88CK101STK3 Datasheet
359Kb / 7P
Atmel CryptoAuthentication Evaluation Kit
AT88CK101STK8 ATMEL-AT88CK101STK8 Datasheet
359Kb / 7P
Atmel CryptoAuthentication Evaluation Kit
AT88CK101STK8 ATMEL-AT88CK101STK8 Datasheet
510Kb / 7P
Atmel CryptoAuthentication Starter Kit
3/11
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
857Kb / 38P
AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
More results


Similar Description - AT88CKSCKTSOIC-XPRO

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S Datasheet
194Kb / 24P
CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_11 Datasheet
248Kb / 25P
Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
Atmel CryptoAuthentication
logo
List of Unclassifed Man...
SA023A ETC2-SA023A Datasheet
182Kb / 5P
Xeltek Socket Adapters SOP - SOIC
logo
ATMEL Corporation
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
Atmel CryptoAuthentication
logo
Aries Electronics, Inc.
10020 ARIES-10020 Datasheet
1Mb / 1P
Setup Instructions for Universal SOIC Socket
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com