Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBS306S17 Datasheet (PDF) - Torex Semiconductor

XBS306S17 Datasheet PDF - Torex Semiconductor
Part # XBS306S17
Download  XBS306S17 Download
File Size   77.58 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 3A, 60V Type

XBS306S17 Datasheet (PDF)

Go To PDF Page Download Datasheet
XBS306S17 Datasheet PDF - Torex Semiconductor

Part # XBS306S17
Download  XBS306S17 Click to download

File Size   77.58 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 3A, 60V Type

XBS306S17 Datasheet (HTML) - Torex Semiconductor


XBS306S17 Product details

■ FEATURES
   Forward Voltage : VF=0.59V (TYP.)
   Forward Current : IF(AVE)=3A
   Repetitive Peak Reverse Voltage : VRM=60V

■ APPLICATIONS
● Rectification
● Protection against reverse connection of battery




Similar Part No. - XBS306S17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS306S17-12 TOREX-XBS306S17-12 Datasheet
105Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
XBS306S17R TOREX-XBS306S17R Datasheet
105Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
XBS306S17R-G TOREX-XBS306S17R-G Datasheet
105Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
XBS306S17 TOREX-XBS306S17_12 Datasheet
105Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
XBS306S17 TOREX-XBS306S17_15 Datasheet
105Kb / 3P
Schottky Barrier Diode
More results


Similar Description - XBS306S17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS303V17 TOREX-XBS303V17 Datasheet
80Kb / 3P
Schottky Barrier Diode, 3A, 30V Type
XBS303V17 TOREX-XBS303V17_12 Datasheet
103Kb / 3P
Schottky Barrier Diode, 3A, 30V Type
XBS304S19R TOREX-XBS304S19R_12 Datasheet
109Kb / 4P
Schottky Barrier Diode, 3A, 40V Type
XBS306S17 TOREX-XBS306S17_12 Datasheet
105Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
XBS303V17-12 TOREX-XBS303V17-12 Datasheet
103Kb / 3P
Schottky Barrier Diode, 3A, 30V Type
XBS304S17-12 TOREX-XBS304S17-12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 3A, 40V Type
XBS306S17-12 TOREX-XBS306S17-12 Datasheet
105Kb / 3P
Schottky Barrier Diode, 3A, 60V Type
XBS304F11R-G TOREX-XBS304F11R-G Datasheet
223Kb / 5P
Schottky Barrier Diode, 3A, 40V Type
XBS306P11R-G TOREX-XBS306P11R-G Datasheet
223Kb / 5P
Schottky Barrier Diode, 3A, 60V Type
XBS306S19R-G TOREX-XBS306S19R-G Datasheet
153Kb / 4P
Schottky Barrier Diode, 3A, 60V Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com