Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2828 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM2828 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM2828
Download  NJM2828 Download
File Size   363.34 Kbytes
Page   12 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Negative Output Low Drop Out voltage regulator

NJM2828 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2828 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM2828
Download  NJM2828 Click to download

File Size   363.34 Kbytes
Page   12 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Negative Output Low Drop Out voltage regulator

NJM2828 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM2828 Product details

FEATURES
Low Current Consumption 0.13V (typ.) @Io=60mA
High Precision Output ±1.5%
High Ripple Rejection 65dB(typ.) @f=1kHz, Vo=-7V Version
Correspond to Low ESR capacitor with 1.0F ceramic capacitor.
Output Current Io(max.)=100mA
ON/OFF Control(Positive voltage control from 0 to +5V)
Soft-start Function
Shunt SW Function
Thermal Shutdown Circuit
Over Current Protection
Bipolar Technology
Package Outline SC88A




Similar Part No. - NJM2828

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2828 NJRC-NJM2828 Datasheet
362Kb / 12P
Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
NJM2828F3-02 NJRC-NJM2828F3-02 Datasheet
362Kb / 12P
Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
NJM2828F3-03 NJRC-NJM2828F3-03 Datasheet
362Kb / 12P
Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
NJM2828F3-04 NJRC-NJM2828F3-04 Datasheet
362Kb / 12P
Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
NJM2828F3-05 NJRC-NJM2828F3-05 Datasheet
362Kb / 12P
Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
More results


Similar Description - NJM2828

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
NJM2827 NJRC-NJM2827 Datasheet
233Kb / 10P
Negative Output Low Drop Out voltage regulator
logo
Infineon Technologies A...
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
New Japan Radio
NJM2828 NJRC-NJM2828 Datasheet
362Kb / 12P
Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com