Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68016-103HLF Datasheet (PDF) - Amphenol Communications Solutions

68016-103HLF Datasheet PDF - Amphenol Communications Solutions
Part # 68016-103HLF
Download  68016-103HLF Download
File Size   1410.85 Kbytes
Page   20 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description BergStik® 2.54mm Unshrouded Headers

68016-103HLF Datasheet (PDF)

Go To PDF Page Download Datasheet
68016-103HLF Datasheet PDF - Amphenol Communications Solutions

Part # 68016-103HLF
Download  68016-103HLF Click to download

File Size   1410.85 Kbytes
Page   20 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description BergStik® 2.54mm Unshrouded Headers

68016-103HLF Datasheet (HTML) - Amphenol Communications Solutions


68016-103HLF Product details

FEATURES
• High temperature thermoplastic material
• Variable spacing height for stacking headers
• Allow dual entry; mating from top or bottom
• Blank 0.64mm square contacts presents 4 surfaces of
equal quality
• Standoff design
• Duplex plating
• Tin-lead plating in press-fit area
• Retention legs option
• Press-fit designed to fit 1.02mm diameter hole, solder-toboard
product
• Meets DIN 41651 specification, HE13 and BT D2632

BENEFITS
• Reflow compatible
• Cater to a wide range of applications
• Suitable for mezzanine application and gives more flexibility in
meeting different stack height requirements
• Can be used for wire wrapping
• Allows cleaning to remove soldering contamination
• Cost-efficient
• Easy pin insertion onto PCB
• High retention force onto PCB
• Same layout on THT and press-fit
• Qualified product




Similar Part No. - 68016-103HLF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6801 POMONA-6801 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
Kontron
68010-0000-51-2 KONTRON-68010-0000-51-2 Datasheet
2Mb / 4P
COM Express® Basic Type 7 with AMD EPYC™ Embedded 3000 SoC Processors
68010-0000-51-3 KONTRON-68010-0000-51-3 Datasheet
2Mb / 4P
COM Express® Basic Type 7 with AMD EPYC™ Embedded 3000 SoC Processors
68010-0000-51-4 KONTRON-68010-0000-51-4 Datasheet
2Mb / 4P
COM Express® Basic Type 7 with AMD EPYC™ Embedded 3000 SoC Processors
More results


Similar Description - 68016-103HLF

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SPH220SGSMT ADAM-TECH-SPH220SGSMT Datasheet
108Kb / 1P
0.80mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
logo
Dubilier
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
DBCMJC33AG1 DUBILIER-DBCMJC33AG1 Datasheet
98Kb / 1P
PIN HEADERS
logo
Omron Electronics LLC
XG8 OMRON-XG8 Datasheet
923Kb / 8P
Standard Unshrouded Header Plug
logo
FCI connector
67996 FCI-CONNECTOR-67996 Datasheet
664Kb / 8P
BERGSTIK HEADER D/R .100/2.54CC STRAIGHT
logo
List of Unclassifed Man...
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
Unshrouded Stackable Banana Plug
logo
FCI connector
68002-205HLF FCI-CONNECTOR-68002-205HLF Datasheet
708Kb / 9P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
68466-102HLF FCI-CONNECTOR-68466-102HLF Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
PCB headers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com