Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4863V Datasheet (PDF) - ShenZhen ChipSourceTek Technology Co.,Ltd.

4863V Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.
Part # 4863V
Download  4863V Download
File Size   785.83 Kbytes
Page   13 Pages
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
Description Dual bridge audio amplifier IC

4863V Datasheet (PDF)

Go To PDF Page Download Datasheet
4863V Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.

Part # 4863V
Download  4863V Click to download

File Size   785.83 Kbytes
Page   13 Pages
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
Description Dual bridge audio amplifier IC

4863V Datasheet (HTML) - ShenZhen ChipSourceTek Technology Co.,Ltd.


4863V Product details

Features
Stereo headphone amplifier mode;
Stable gain output;
Thermal shutdown protection circuit;
Package types: DIP16 (4863P), SOP16W (4863M)*, TSSOP20 (4863V), TSSOP20-F (4863VR)
4863M uses an SOP16 wide-body package;
4863VR uses a package with a heatsink.

Applications:
Multimedia monitors
Handheld devices, desktop computers
Portable televisions




Similar Part No. - 4863V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4863 ETC2-4863 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
4863 ETC2-4863 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Rakon Limited
4863 RAKON-4863 Datasheet
291Kb / 2P
Monolithic Crystal Filter
23 September 2024
logo
Littelfuse
48636 LITTELFUSE-48636 Datasheet
734Kb / 4P
FlexMod™ ELECTRONIC TIMER FOR INTERIOR LIGHTING
2017 Rev: 053117
48636-01-BX LITTELFUSE-48636-01-BX Datasheet
734Kb / 4P
FlexMod™ ELECTRONIC TIMER FOR INTERIOR LIGHTING
2017 Rev: 053117
More results


Similar Description - 4863V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
MONAURAL AUDIO POWER AMPLIFIER IC
logo
STMicroelectronics
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
Apr-1995
logo
Panasonic Semiconductor
AN7582Z PANASONIC-AN7582Z Datasheet
174Kb / 7P
Audio power amplifier IC
logo
STMicroelectronics
TDA7374 STMICROELECTRONICS-TDA7374_08 Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
logo
Shenzhenshi YONGFUKANG ...
TDA7266SA YONGFUKANG-TDA7266SA Datasheet
226Kb / 5P
Dual 8W Bridge Audio Amplifier Circuit - TDA7266SA
logo
SHENZHEN FUMAN ELECTRON...
FM8002A FUMAN-FM8002A Datasheet
324Kb / 6P
2W audio power amplifier IC
FM8002E FUMAN-FM8002E Datasheet
324Kb / 6P
2W audio power amplifier IC
SC4871A FUMAN-SC4871A Datasheet
429Kb / 7P
Audio power amplifier IC
TC4863 FUMAN-TC4863 Datasheet
702Kb / 13P
Audio power amplifier IC
TC6871 FUMAN-TC6871 Datasheet
332Kb / 6P
Audio power amplifier IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com