Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2863 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM2863 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM2863
Download  NJM2863 Download
File Size   190.35 Kbytes
Page   10 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Ultra Low Noise Low Dropout Voltage Regulator

NJM2863 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2863 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM2863
Download  NJM2863 Click to download

File Size   190.35 Kbytes
Page   10 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Ultra Low Noise Low Dropout Voltage Regulator

NJM2863 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM2863 Product details

FEATURES
High Ripple Rejection 75dB typ. (f=1kHz,Vo=3V Version)
Output capacitor with 1.0μF ceramic capacitor
Output Noise Voltage Vno=19μVrms typ. (Cp=0.01μF, Co=1.0μF(Ceramic))
Vno=12μVrms typ. (Cp=0.1μF, Co=10μF(Tantalum))
Output Current Io(max.)=100mA
High Precision Output Vo±1.0%
Low Dropout Voltage 0.10V typ. (Io=60mA)
ON/OFF Control (Active High)
Internal Short Circuit Current Limit
Internal Thermal Overload Protection
Bipolar Technology
Package Outline SOT-23-5




Similar Part No. - NJM2863

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
Ultra Low Noise Low Dropout Voltage Regulator
More results


Similar Description - NJM2863

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
Ultra Low Noise Low Dropout Voltage Regulator
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33765 ONSEMI-MC33765_06 Datasheet
151Kb / 12P
Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com