Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2870 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM2870 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM2870
Download  NJM2870 Download
File Size   167.37 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW DROPOUT VOLTAGE REGULATOR

NJM2870 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2870 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM2870
Download  NJM2870 Click to download

File Size   167.37 Kbytes
Page   9 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW DROPOUT VOLTAGE REGULATOR

NJM2870 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM2870 Product details

FEATURES
High Ripple Rejection 56dB ≤ RR (DC < f < 60kHz)
66dB typ. (f=100Hz)
60dB typ. (f=1kHz)
Output Noise Voltage Vno=30μV typ.(Cp=0.01μF)
Output Current Io(max.)=150mA
High Precision Output Vo±2%
Low Dropout Voltage ΔVI-O=0.12V typ. (Io=60mA, Vo≥1.8V)
Input Voltage range +2∼+14V (Vo=1.5V Version)
ON/OFF Control (Active High)
Output capacitor with 4.7uF ceramic capacitor
Internal Short Circuit Current Limit
Internal Thermal Overload Protection
Bipolar Technology
Package Outline SOT-23-5




Similar Part No. - NJM2870

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870F NJRC-NJM2870F Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - NJM2870

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com