Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT41K2G4 Datasheet (PDF) - Micron Technology

MT41K2G4 Datasheet PDF - Micron Technology
Part # MT41K2G4
Download  MT41K2G4 Download
File Size   316.93 Kbytes
Page   13 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 8Gb: x4, x8 TwinDie DDR3L SDRAM

MT41K2G4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT41K2G4 Datasheet PDF - Micron Technology

Part # MT41K2G4
Download  MT41K2G4 Click to download

File Size   316.93 Kbytes
Page   13 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 8Gb: x4, x8 TwinDie DDR3L SDRAM

MT41K2G4 Datasheet (HTML) - Micron Technology


MT41K2G4 Product details

Description
The 8Gb (TwinDie™) DDR3L SDRAM (1.35V) uses
Micron’s 4Gb DDR3L SDRAM die (essentially two
ranks of the 4Gb DDR3L SDRAM). Refer to Micron’s
4Gb DDR3 SDRAM data sheet for the specifications
not included in this document. Specifications for base
part number MT41K1G4 correlate to TwinDie manufacturing
part number MT41K2G4; specifications for
base part number MT41K512M8 correlate to TwinDie
manufacturing part number MT41K1G8.

Features
• Uses 4Gb Micron die
• Two ranks (includes dual CS#, ODT, CKE, and ZQ
balls)
• Each rank has eight internal banks for concurrent
operation
• VDD = VDDQ = 1.35V (1.283–1.45V); backward compatible
to VDD = VDDQ = 1.5V ±0.075V
• 1.35V center-terminated push/pull I/O
• JEDEC-standard ball-out
• Low-profile package
• TC of 0°C to 95°C
– 0°C to 85°C: 8192 refresh cycles in 64ms
– 85°C to 95°C: 8192 refresh cycles in 32ms
– Industrial temperature (IT) available (Rev. E)




Similar Part No. - MT41K2G4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT41K256M16 MICRON-MT41K256M16 Datasheet
553Kb / 27P
4Gb: x4, x8, x16 1.35V DDR3L SDRAM
MT41K256M16HA-125ITE MICRON-MT41K256M16HA-125ITE Datasheet
553Kb / 27P
4Gb: x4, x8, x16 1.35V DDR3L SDRAM
MT41K256M16TW MICRON-MT41K256M16TW Datasheet
553Kb / 27P
4Gb: x4, x8, x16 1.35V DDR3L SDRAM
More results


Similar Description - MT41K2G4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
512Mb x4, x8, x16 SDRAM
logo
Elpida Memory
EBJ81UG8EBU0 ELPIDA-EBJ81UG8EBU0 Datasheet
229Kb / 16P
8GB DDR3L SDRAM SO-DIMM
logo
Micron Technology
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
64Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
256Mb: x4, x8, x16 SDRAM
MT41K256M16HA-125ITE MICRON-MT41K256M16HA-125ITE Datasheet
553Kb / 27P
4Gb: x4, x8, x16 1.35V DDR3L SDRAM
logo
Hynix Semiconductor
H5TC8G43AMR HYNIX-H5TC8G43AMR Datasheet
526Kb / 35P
8Gb DDR3L SDRAM
H5TC8G43MMR HYNIX-H5TC8G43MMR Datasheet
464Kb / 32P
8Gb DDR3L SDRAM
logo
List of Unclassifed Man...
SLN08G64B3BA2HY-CC[WR]RT ETC2-SLN08G64B3BA2HY-CC[WR]RT Datasheet
702Kb / 17P
8GB DDR3L ??SDRAM SO-DIMM
SLN08G64E2BD2SA-CC[EW]RT ETC2-SLN08G64E2BD2SA-CC[EW]RT Datasheet
741Kb / 17P
8GB DDR3L . SDRAM SO-DIMM
logo
Micron Technology
MT40A512M16JY-075EAIT MICRON-MT40A512M16JY-075EAIT Datasheet
11Mb / 358P
8Gb: x4, x8, x16 DDR4 SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com