Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6209A Datasheet (PDF) - Nanjing Micro One Electronics Inc

6209A Datasheet PDF - Nanjing Micro One Electronics Inc
Part # 6209A
Download  6209A Download
File Size   608.78 Kbytes
Page   14 Pages
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc
Description Low Power Consumption LDO ME6209 Series

6209A Datasheet (PDF)

Go To PDF Page Download Datasheet
6209A Datasheet PDF - Nanjing Micro One Electronics Inc

Part # 6209A
Download  6209A Click to download

File Size   608.78 Kbytes
Page   14 Pages
Manufacturer  MICRONE [Nanjing Micro One Electronics Inc]
Direct Link  https://www.microne.com.cn/
Logo MICRONE - Nanjing Micro One Electronics Inc
Description Low Power Consumption LDO ME6209 Series

6209A Datasheet (HTML) - Nanjing Micro One Electronics Inc


6209A Product details

General Description
The ME6209 series are a group of positive
voltage output, three –pin regulator, that provide a
high current even when the input/output Voltage
differential is small. Low power consumption and
high accuracy is achieved through CMOS
technology. They allow input voltages as high as
18V.

Typical Application
 Cameras, video recorders
 Voltage regulator for microprocessor
 Voltage regulator for LAN cards
 Wireless communication equipment
 Audio/Video equipment

Features
 Ultra low quiescent current: 3.0uA(typ)
 High input voltage (up to 18V)
 Low dropout voltage :80mV@Iout=40mA
(VOUT=3.3V)
 Output voltage accuracy: ±2%
 Maximum output current:250mA (VOUT =3.3V)
 Low temperature coefficient




Similar Part No. - 6209A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
62091-1 MACOM-62091-1 Datasheet
944Kb / 22P
FASTON Receptacles
62091-2 MACOM-62091-2 Datasheet
944Kb / 22P
FASTON Receptacles
62092-1 MACOM-62092-1 Datasheet
944Kb / 22P
FASTON Receptacles
logo
Micropac Industries
62094 MICROPAC-62094 Datasheet
120Kb / 2P
VISIBLE HERMETIC LED INDICATOR
62096 MICROPAC-62096 Datasheet
77Kb / 2P
Hermetically sealed
More results


Similar Description - 6209A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
Low Power Consumption LDO
July 30, 2004
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
Low Power Consumption LDO
January 12, 2006
logo
Leshan Radio Company
LR7530 LRC-LR7530 Datasheet
209Kb / 9P
100mA CMOS Low Power LDO Low power consumption
logo
Guangdong Kexin Industr...
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF KEXIN-WL2805N-HF Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
logo
Will Semiconductor Ltd.
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
Low power consumption, CMOS LDO
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
Low power consumption, CMOS LDO
logo
Shanghai Leiditech Elec...
LM71XX LEIDITECH-LM71XX Datasheet
1Mb / 12P
Low dropout micro power consumption LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com