Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY8089 Datasheet (PDF) - Silergy Corp.

SY8089 Datasheet PDF - Silergy Corp.
Part # SY8089
Download  SY8089 Download
File Size   1612.57 Kbytes
Page   10 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High Efficiency 5.5V, 2A continuous, 3A peak, 1MHz Synchronous Step Down Regulator

SY8089 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY8089 Datasheet PDF - Silergy Corp.

Part # SY8089
Download  SY8089 Click to download

File Size   1612.57 Kbytes
Page   10 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High Efficiency 5.5V, 2A continuous, 3A peak, 1MHz Synchronous Step Down Regulator

SY8089 Datasheet (HTML) - Silergy Corp.


SY8089 Product details

General Description
The SY8089 and SY8089A are high-efficiency, high
frequency synchronous step-down DC-DC regulator IC
capable of delivering up to 2A output current. The
SY8089 and SY8089A operate over a wide input
voltage range from 2.7V to 5.5V and integrate main
switch and synchronous switch with very low RDS(ON)
to minimize the conduction loss.
Low output voltage ripple and small external inductor
and capacitor sizes are achieved with greater than
1MHz switching frequency.
SY8089 integrates short circuit and over-voltage latch
off protection.

Features
· Low RDS(ON) for internal switches
(top/bottom):110mΩ/80mΩ
· 2.7-5.5V input voltage range
· 2A continuous, 3A peak load current capability
· 1MHz switching frequency minimizes the external
components
· Internal softstart limits the inrush current
· Reliable short circuit protection:
 SY8089: Latch off protection
 SY8089A: Hic-cup mode protection
· Reliable over-voltage protection:
 SY8089: Latch off protection
 SY8089A: No latch off protection
· 100% dropout operation
· RoHS Compliant and Halogen Free
· Compact package: SOT23-5

Applications
· LCD TV
· Set Top Box
· Net PC
· Mini-Notebook PC
· Access Point Router




Similar Part No. - SY8089

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SY8089A TECHPUBLIC-SY8089A Datasheet
3Mb / 7P
High Efficiency 1MHz, 2A Synchronous Step Down Regulator
logo
Silergy Corp.
SY8089I SILERGY-SY8089I Datasheet
942Kb / 7P
High Efficiency, 1.5MHz, 2A Synchronous Step Down Regulator
Rev. 0.9
More results


Similar Description - SY8089

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
G5719 GMT-G5719 Datasheet
86Kb / 2P
1MHz, 2A Synchronous Step-Down Regulator
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Feeling Technology Corp...
FP6172 FEELING-FP6172 Datasheet
392Kb / 12P
1MHz, 2A Synchronous Step-Down Regulator
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
1MHz, 3A Synchronous Step-Down Regulator
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com