Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD737 Datasheet (PDF) - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD737 Datasheet PDF - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
Part # XPD737
Download  XPD737 Download
File Size   2383.46 Kbytes
Page   15 Pages
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
Description Supports XPD-LINK™ interconnect USB single-port controller

XPD737 Datasheet (PDF)

Go To PDF Page Download Datasheet
XPD737 Datasheet PDF - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD737
Download  XPD737 Click to download

File Size   2383.46 Kbytes
Page   15 Pages
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
Description Supports XPD-LINK™ interconnect USB single-port controller

XPD737 Datasheet (HTML) - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.


XPD737 Product details

Features
 Supports USB Type-C protocol
- Configured as DFP (Source)
- Broadcasts 3A/1.5A current
 Supports USB Power Delivery (PD) 3.1 and PPS protocols
- PD3.1 and PPS certified (TID: 8739)
- Configurable PDO: 5V, 9V, 12V, 15V, 20V
- Output power up to 100W
- Configurable APDO: 5V Prog, 9V Prog, 15V Prog, 20V Prog
• Supports XPD-LINK™ multi-chip interconnect communication technology
• Supports Quick Charge 3.0+/3.0/2.0+ protocols
- Supports Xiaomi Charge Turbo 27W protocol
• Supports Huawei FCP/SCP/HVSCP protocols
• Supports Samsung AFC protocol
• Supports VOOC protocol
• Supports MTK PE protocol
• Supports USB BC1.2 DCP
• Supports Apple 2.4A charging specification




Similar Part No. - XPD737

ManufacturerPart #DatasheetDescription
logo
SHEN ZHEN FINE MADE ELE...
XPD737 SUPERCHIP-XPD737 Datasheet
2Mb / 14P
USB Type-C PD and Type-A dual-port controller
Version 1.4
logo
ShenZhen ChipSourceTek ...
XPD737 CHIPSOURCETEK-XPD737 Datasheet
1Mb / 17P
Supports XPD-LINK™ interconnect USB dual-port controller
More results


Similar Description - XPD737

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL650USB ETC-GL650USB Datasheet
210Kb / 16P
USB 4 PORT HUB CONTROLLER
GL652 ETC-GL652 Datasheet
190Kb / 17P
USB 7 PORT HUB CONTROLLER
82C862 ETC2-82C862 Datasheet
302Kb / 51P
FireLink USB Dual Controller Quad Port USB
logo
Texas Instruments
TSU6111A TI1-TSU6111A Datasheet
1Mb / 32P
USB Port SP2T Switch Supports USB & UART
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
USB Dedicated Charging Port Controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
Rev 1.2
logo
Seaward Electronics Inc...
SE2513 SEAWARD-SE2513 Datasheet
267Kb / 8P
Dual/Single USB Charger Port Controller
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
logo
Cypress Semiconductor
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
Dual/Single USB Charger Port Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com