Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF740M Datasheet (PDF) - Truesemi Semiconductor Corporation

TSF740M Datasheet PDF - Truesemi Semiconductor Corporation
Part # TSF740M
Download  TSF740M Download
File Size   334.43 Kbytes
Page   9 Pages
Manufacturer  TRUESEMI [Truesemi Semiconductor Corporation]
Direct Link  http://www.truesemi.com/
Logo TRUESEMI - Truesemi Semiconductor Corporation
Description 400V N-Channel MOSFET

TSF740M Datasheet (PDF)

Go To PDF Page Download Datasheet
TSF740M Datasheet PDF - Truesemi Semiconductor Corporation

Part # TSF740M
Download  TSF740M Click to download

File Size   334.43 Kbytes
Page   9 Pages
Manufacturer  TRUESEMI [Truesemi Semiconductor Corporation]
Direct Link  http://www.truesemi.com/
Logo TRUESEMI - Truesemi Semiconductor Corporation
Description 400V N-Channel MOSFET

TSF740M Datasheet (HTML) - Truesemi Semiconductor Corporation


TSF740M Product details

General Description
This Power MOSFET is produced using Truesemi‘s
advanced planar stripe DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switched mode power supplies,
active power factor correction based on half bridge
topology.

Features
• 10.5A,400V,Max.RDS(on)=0.53 Ω @ VGS =10V
• Low gate charge(typical 30nC)
• High ruggedness
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - TSF740M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF7 ETC1-TSF7 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Cynergy3 Co
TSF70 CYNERGY3-TSF70 Datasheet
696Kb / 1P
Compact External Mount with Temperature Sensing
logo
List of Unclassifed Man...
TSF73 ETC2-TSF73 Datasheet
563Kb / 1P
Compact External Mount with Temperature Sensing
logo
VBsemi Electronics Co.,...
TSF7N60M VBSEMI-TSF7N60M Datasheet
1Mb / 11P
N-Channel 650V (D-S) Super Junction Power MOSFET
More results


Similar Description - TSF740M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
400V N-Channel MOSFET
FQP7N40 FAIRCHILD-FQP7N40 Datasheet
757Kb / 8P
400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
400V N-Channel MOSFET
IRFR330B FAIRCHILD-IRFR330B Datasheet
671Kb / 9P
400V N-Channel MOSFET
IRFW740B FAIRCHILD-IRFW740B Datasheet
678Kb / 9P
400V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com