Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL4005E1 Datasheet (PDF) - XLSEMI

XL4005E1 Datasheet PDF - XLSEMI
Part # XL4005E1
Download  XL4005E1 Download
File Size   242.72 Kbytes
Page   10 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 5A 300KHz 32V Buck DC to DC Converter

XL4005E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL4005E1 Datasheet PDF - XLSEMI

Part # XL4005E1
Download  XL4005E1 Click to download

File Size   242.72 Kbytes
Page   10 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 5A 300KHz 32V Buck DC to DC Converter

XL4005E1 Datasheet (HTML) - XLSEMI


XL4005E1 Product details

Features
 Wide 5V to 32V Input Voltage Range
 Output Adjustable from 0.8V to 30V
 Maximum Duty Cycle 100%
 Minimum Drop Out 0.6V
 Fixed 300KHz Switching Frequency
 5A Constant Output Current Capability
 Internal Optimize Power MOSFET
 High efficiency
 Excellent line and load regulation
 TTL shutdown capability
 EN pin with hysteresis function
 Built in thermal shutdown function
 Built in current limit function
 Built in output short protection function
 Available in TO263-5L package

Applications
 LCD Monitor and LCD TV
 Digital Photo Frame
 Set-up Box
 ADSL Modem
 Telecom / Networking Equipment

General Description
The XL4005 is a 300KHz fixed frequency
PWM buck (step-down) DC/DC converter,
capable of driving a 5A load with high
efficiency, low ripple and excellent line and
load regulation. Requiring a minimum
number of external components, the
regulator is simple to use and include
internal frequency compensation and a
fixed-frequency oscillator.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An enable
function, an over current protection function
is built inside. When short protection function
happens, the operation frequency will be
reduced from 300KHz to 60KHz. An internal
compensation block is built in to minimize
external component count.




Similar Part No. - XL4005E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4005E1 ETC2-XL4005E1 Datasheet
222Kb / 9P
5A 300KHz 32V Buck DC to DC Converter
More results


Similar Description - XL4005E1

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
300Khz, 2.5A PWM Buck DC/DC Converter
Rev 1.0 Sep. 29, 2004
AP1518 ANACHIP-AP1518 Datasheet
193Kb / 12P
300KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
List of Unclassifed Man...
XL4003 ETC2-XL4003 Datasheet
322Kb / 9P
4A 300KHz 32V Buck DC to DC Converter
XL4005 ETC2-XL4005 Datasheet
222Kb / 9P
5A 300KHz 32V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
5A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4015 XLSEMI-XL4015 Datasheet
254Kb / 10P
5A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
5A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
GS2678 ETC-GS2678 Datasheet
252Kb / 9P
5A 350KHz 25V Buck DC to DC Converter
logo
XLSEMI
XL4012 XLSEMI-XL4012 Datasheet
183Kb / 9P
12A 300KHz 32V Buck DC to DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com