| Electronic Components Datasheet Search |
|
D4C0112N-L60C Datasheet (PDF) - Electroswitch Electronic Products |
D4C0112N-L60C Datasheet (PDF) |
|
Download Datasheet |
| Part # | D4C0112N-L60C |
| Download | D4C0112N-L60C Click to download |
| File Size | 82.8 Kbytes |
| Page | 2 Pages |
| Manufacturer | ELECTROSWITCH [Electroswitch Electronic Products] |
| Direct Link | https://www.electro-nc.com/ |
| Logo | |
| Description | 1.437" DIAMETER 1.5 AMPS @ 28 VDC |
D4C0112N-L60C Datasheet (HTML) - Electroswitch Electronic Products |
Similar Part No. - D4C0112N-L60C |
|
Similar Description - D4C0112N-L60C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |