Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCZ244ADWR Datasheet (PDF) - Texas Instruments

SN74LVCZ244ADWR Datasheet PDF - Texas Instruments
Part # SN74LVCZ244ADWR
Download  SN74LVCZ244ADWR Download
File Size   1114.14 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs

SN74LVCZ244ADWR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVCZ244ADWR Datasheet PDF - Texas Instruments

Part # SN74LVCZ244ADWR
Download  SN74LVCZ244ADWR Click to download

File Size   1114.14 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs

SN74LVCZ244ADWR Datasheet (HTML) - Texas Instruments


SN74LVCZ244ADWR Product details

1 Features
1• Operates From 2.7 V to 3.6 V
• Inputs Accept Voltages to 5.5 V
• Max tpd of 5.9 ns at 3.3 V
• Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With 3.3-V VCC)
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II

2 Applications
• Servers
• Databases
• Memory Systems
• Network Switches
• PCs and Notebooks

3 Description
This octal buffer/line driver is designed for 2.7-V to
3.6-V VCC operation.
The SN74LVCZ244A device is organized as two 4-bit
line drivers with separate output-enable (OE) inputs.
When OE is low, the device passes data from the A
inputs to the Y outputs. When OE is high, the outputs
are in the high-impedance state.




Similar Part No. - SN74LVCZ244ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ244ADWR TI-SN74LVCZ244ADWR Datasheet
413Kb / 16P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ244ADWR TI1-SN74LVCZ244ADWR Datasheet
1Mb / 24P
SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
SN74LVCZ244ADWR TI2-SN74LVCZ244ADWR Datasheet
936Kb / 28P
SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
REVISED OCTOBER 2014
SN74LVCZ244ADWR.B TI2-SN74LVCZ244ADWR.B Datasheet
936Kb / 28P
SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
REVISED OCTOBER 2014
SN74LVCZ244ADWRE4 TI-SN74LVCZ244ADWRE4 Datasheet
413Kb / 16P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - SN74LVCZ244ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ244A TI1-SN74LVCZ244A_16 Datasheet
1Mb / 24P
SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com