Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMPDADH-A01T3 Datasheet (PDF) - Abracon Corporation

AMPDADH-A01T3 Datasheet PDF - Abracon Corporation
Part # AMPDADH-A01T3
Download  AMPDADH-A01T3 Download
File Size   1610.62 Kbytes
Page   18 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description FREQUENCY SELECTABLE MEMS OSCILLATORS

AMPDADH-A01T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMPDADH-A01T3 Datasheet PDF - Abracon Corporation

Part # AMPDADH-A01T3
Download  AMPDADH-A01T3 Click to download

File Size   1610.62 Kbytes
Page   18 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description FREQUENCY SELECTABLE MEMS OSCILLATORS

AMPDADH-A01T3 Datasheet (HTML) - Abracon Corporation


AMPDADH-A01T3 Product details

FEATURES
• Output selectable between 2 frequencies
• Compact footprint as small as 1.6x1.2mm
• Low 0.84mm profile
• Low power consumption
• 1MHz to 80MHz output frequency range
• Short lead time for new frequencies
• Wide -40°C to +85°C operating temperature range
• Low operating current: 1.3mA IDD (typ)

APPLICATIONS
• Wearables
• Internet of Things (IoT)
• Industrial IoT
• Audio and video
• Drones and robotics




Similar Part No. - AMPDADH-A01T3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AMP UTC-AMP Datasheet
166Kb / 6P
2.5W DUAL AUDIO POWER AMP
logo
Mini-Circuits
AMP-15 MINI-AMP-15 Datasheet
189Kb / 2P
Low Noise Amplifier
logo
Adlink Technology Inc.
AMP-204C ADLINK-AMP-204C Datasheet
437Kb / 3P
DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
AMP-208C ADLINK-AMP-208C Datasheet
437Kb / 3P
DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
logo
Mini-Circuits
AMP-25G MINI-AMP-25G Datasheet
71Kb / 1P
Plug-In Amplifier
More results


Similar Description - AMPDADH-A01T3

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FCPH243250-100 SYNERGY-FCPH243250-100 Datasheet
775Kb / 7P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL3239-10 SYNERGY-FCPL3239-10 Datasheet
517Kb / 3P
SELECTABLE FREQUENCY SYNTHESIZER
FCPH225375-10 SYNERGY-FCPH225375-10 Datasheet
578Kb / 6P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL511-10 SYNERGY-FCPL511-10 Datasheet
459Kb / 8P
Selectable frequency SYNTHESIZER
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
Selectable frequency SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL65120-10 SYNERGY-FCPL65120-10 Datasheet
427Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
FCPH243290-10 SYNERGY-FCPH243290-10 Datasheet
281Kb / 4P
SELECTABLE FREQUENCY SYNTHESIZER
logo
Microchip Technology
DSC12X2 MICROCHIP-DSC12X2 Datasheet
918Kb / 32P
High Performance Differential MEMS Oscillators
08/15/18
logo
Maxim Integrated Produc...
MAX9700BEVKIT MAXIM-MAX9700BEVKIT Datasheet
755Kb / 5P
Selectable Switching Frequency
Rev 0; 4/04
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com