Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM84-2012-35-1012 Datasheet (PDF) - Solid State Supplies.

DM84-2012-35-1012 Datasheet PDF - Solid State Supplies.
Part # DM84-2012-35-1012
Download  DM84-2012-35-1012 Download
File Size   703.86 Kbytes
Page   3 Pages
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.
Description PCB Power Relay

DM84-2012-35-1012 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM84-2012-35-1012 Datasheet PDF - Solid State Supplies.

Part # DM84-2012-35-1012
Download  DM84-2012-35-1012 Click to download

File Size   703.86 Kbytes
Page   3 Pages
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.
Description PCB Power Relay

DM84-2012-35-1012 Datasheet (HTML) - Solid State Supplies.


DM84-2012-35-1012 Product details

• Cadmium - free contacts
• Height 15.7 mm
• 5000 V / 10mm Reinforced insulation
• For PCB and plug-in sockets
• Accessories: sockets and modules
• AC and DC Coils
• Recyclable packing




Similar Part No. - DM84-2012-35-1012

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DM84-2012-35-1012 WILLOW-DM84-2012-35-1012 Datasheet
109Kb / 4P
industrial relays
More results


Similar Description - DM84-2012-35-1012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com