Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVA-2210 Datasheet (PDF) - Advantech Co., Ltd.

EVA-2210 Datasheet PDF - Advantech Co., Ltd.
Part # EVA-2210
Download  EVA-2210 Download
File Size   415.29 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description LoRaWAN 3-Phase Current Meter with 3 x 75A Clamp-On CT

EVA-2210 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVA-2210 Datasheet PDF - Advantech Co., Ltd.

Part # EVA-2210
Download  EVA-2210 Click to download

File Size   415.29 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description LoRaWAN 3-Phase Current Meter with 3 x 75A Clamp-On CT

EVA-2210 Datasheet (HTML) - Advantech Co., Ltd.


EVA-2210 Product details

Features
ƒ LoRaWAN wireless connectivity
ƒ 3 x 75A Clamp-On CT
ƒ Battery life up till 3.5 years@25 °C, 60mins interval setting
ƒ Easy to deploy and maintain




Similar Part No. - EVA-2210

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
EVA-2-75 MINI-EVA-2-75 Datasheet
490Kb / 2P
Voltage Variable Attenuator
EVA-23-75 MINI-EVA-23-75 Datasheet
694Kb / 2P
Voltage Variable Attenuator
logo
Advantech Co., Ltd.
EVA-2310 ADVANTECH-EVA-2310 Datasheet
419Kb / 1P
LoRaWAN Temperature and Humidity Sensor
19-Apr-2024
EVA-2310-EA ADVANTECH-EVA-2310-EA Datasheet
419Kb / 1P
LoRaWAN Temperature and Humidity Sensor
19-Apr-2024
EVA-2310-NA ADVANTECH-EVA-2310-NA Datasheet
419Kb / 1P
LoRaWAN Temperature and Humidity Sensor
19-Apr-2024
More results


Similar Description - EVA-2210

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380974 EXTECH-380974 Datasheet
213Kb / 1P
AC Clamp Meter Phase Rotation Tester
382075 EXTECH-382075 Datasheet
258Kb / 1P
3-Phase True RMS Clamp-On Power Analyzer
MA150 EXTECH-MA150 Datasheet
210Kb / 7P
200A AC Mini Clamp-on Meter
logo
STMicroelectronics
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
logo
Advantech Co., Ltd.
PME-1130 ADVANTECH-PME-1130 Datasheet
159Kb / 1P
3-phase KW & KWH Energy Meter
PME-1230 ADVANTECH-PME-1230 Datasheet
353Kb / 2P
3-phase Multifunction Power Meter
logo
Extech Instruments Corp...
380976-K EXTECH-380976-K_15 Datasheet
277Kb / 1P
1? 3? 1000A AC Power Clamp Meter
382075 EXTECH-382075_15 Datasheet
339Kb / 1P
3-Phase True RMS Clamp-On Power Analyzer
MA640-K EXTECH-MA640-K Datasheet
597Kb / 1P
Phase Rotation/Clamp Meter Test Kit
logo
TALEMA Group. LLC
AN3-1000 TALEMA-AN3-1000 Datasheet
748Kb / 2P
3 Phase Current Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com