Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPM-715W Datasheet (PDF) - Advantech Co., Ltd.

FPM-715W Datasheet PDF - Advantech Co., Ltd.
Part # FPM-715W
Download  FPM-715W Download
File Size   710.27 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15.6"/21.5"/23.8" Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP and VGA Ports

FPM-715W Datasheet (PDF)

Go To PDF Page Download Datasheet
FPM-715W Datasheet PDF - Advantech Co., Ltd.

Part # FPM-715W
Download  FPM-715W Click to download

File Size   710.27 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15.6"/21.5"/23.8" Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP and VGA Ports

FPM-715W Datasheet (HTML) - Advantech Co., Ltd.


FPM-715W Product details

Features
ƒ 15.6"/21.5"/23.8" Full HD TFT LED LCD with true-flat touchscreen
ƒ 16:9 wide screen aspect ratio, increases viewing area by 40%
ƒ Supports 10-point multi-touch control via USB interface in Windows 7/8/10
OS
ƒ Slim design enables easy installation
ƒ Supports various mount options: panel, desktop, and VESA arm
ƒ Touchscreen with reliable glass surface and P-CAP touch control
ƒ Robust system with Die-casting aluminum chassis and IP66-rated aluminum
alloy front bezel
ƒ Lockable I/O connectors
ƒ Supports various mount options: panel, wall, desktop, rack or VESA arm
mounting




Similar Part No. - FPM-715W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-715 ADVANTECH-FPM-715 Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
FPM-715-R9AE ADVANTECH-FPM-715-R9AE Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
FPM-715-RMKE ADVANTECH-FPM-715-RMKE Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
FPM-7151T ADVANTECH-FPM-7151T Datasheet
447Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-7151T-R3AE ADVANTECH-FPM-7151T-R3AE Datasheet
745Kb / 2P
Most Ruggedized Industrial Displays - FPM
More results


Similar Description - FPM-715W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-7151W ADVANTECH-FPM-7151W_15 Datasheet
435Kb / 2P
15.6" WXGA Industrial Monitor with PCT Touch, Direct-VGA/DVI ports
FPM-7211W ADVANTECH-FPM-7211W_15 Datasheet
471Kb / 2P
21.5" Full HD Industrial Monitor with PCT Touch, Direct-VGA and DVI Ports
FPM-7061T ADVANTECH-FPM-7061T Datasheet
529Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature
27-Jun-2018
FPM-7181W ADVANTECH-FPM-7181W_V01 Datasheet
475Kb / 2P
18.5 WXGA Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
FPM-215W ADVANTECH-FPM-215W Datasheet
398Kb / 2P
15.6 WXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
2-Sep-2019
FPM-221W ADVANTECH-FPM-221W Datasheet
426Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
28-Jun-2021
FPM-215W ADVANTECH-FPM-215W_V01 Datasheet
474Kb / 2P
15.6 WXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
17-Jan-2022
FPM-221W ADVANTECH-FPM-221W_V01 Datasheet
438Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
14-Jan-2022
FPM-7211W ADVANTECH-FPM-7211W Datasheet
475Kb / 2P
21.5 Full HD Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports
15-Jun-2021
FPM-7151W ADVANTECH-FPM-7151W Datasheet
427Kb / 2P
15.6 WXGA Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports
14-May-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com