Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4614A Datasheet (PDF) - A POWER MICROELECTRONICS

AP4614A Datasheet PDF - A POWER MICROELECTRONICS
Part # AP4614A
Download  AP4614A Download
File Size   918.1 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V NP-Channel Enhancement Mode MOSFET

AP4614A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4614A Datasheet PDF - A POWER MICROELECTRONICS

Part # AP4614A
Download  AP4614A Click to download

File Size   918.1 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V NP-Channel Enhancement Mode MOSFET

AP4614A Datasheet (HTML) - A POWER MICROELECTRONICS


AP4614A Product details

Features
- VDS = 40V ID =10A
- RDS(ON) < 25mΩ @ VGS=10V (Type:18mΩ)
- VDS = -40V ID =-9.5A
- RDS(ON) < 35mΩ @ VGS=-10V (Type:30mΩ)

Applications
- Wireless charging
- Boost driver
- Brushless motor




Similar Part No. - AP4614A

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4610P A-POWER-AP4610P Datasheet
113Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
A POWER MICROELECTRONIC...
AP4616A APME-AP4616A Datasheet
1Mb / 11P
30V NP-Channel Enhancement Mode MOSFET
REV1.0
AP4616B APME-AP4616B Datasheet
1Mb / 10P
30V NP-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP4618CDT A-POWER-AP4618CDT Datasheet
73Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - AP4614A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
logo
DONGGUAN YOU FENG WEI E...
YFW10G04DF YFWDIODE-YFW10G04DF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10G04S YFWDIODE-YFW10G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G04S YFWDIODE-YFW6G04S Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G04S YFWDIODE-YFW8G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G04NF YFWDIODE-YFW15G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04GD YFWDIODE-YFW20G04GD Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04NF YFWDIODE-YFW20G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G04GD YFWDIODE-YFW25G04GD Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com