Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420F-Q1 Datasheet (PDF) - Texas Instruments

ISO6420F-Q1 Datasheet PDF - Texas Instruments
Part # ISO6420F-Q1
Download  ISO6420F-Q1 Download
File Size   2053.28 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO642x-Q1 General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators

ISO6420F-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO6420F-Q1 Datasheet PDF - Texas Instruments

Part # ISO6420F-Q1
Download  ISO6420F-Q1 Click to download

File Size   2053.28 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO642x-Q1 General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators

ISO6420F-Q1 Datasheet (HTML) - Texas Instruments


ISO6420F-Q1 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to +125°C
ambient operating temperature range
• Functional Safety-Capable (Planned)
– Documentation available to aid ISO 26262
system design
• Up to 150Mbps data rate
• Robust SiO2 isolation barrier:
– High lifetime at up to 1061VRMS and 1500VDC
working voltage
– Up to 5000VRMS isolation rating
– Up to 10.4kV surge capability
– Up to ±250kV/μs typical CMTI
• Supply range: 2.25V to 5.5V
• Overvoltage Tolerant Inputs
• Default output high ( ISO642x-Q1 ) and low
( ISO642xF-Q1 ) options
• Low propagation delay: 10ns maximum at 5V,
12ns maximum at 3.3V
• Supports SPI up to: 25MHz at 5V, 20.8MHz at
3.3V
• Low pulse width distortion: 1.8ns maximum at 5V,
2.2ns maximum at 3.3V
• Robust electromagnetic compatibility (EMC)
– System-level RI, ESD, and surge immunity
– Low emissions
• SOIC (D-8) Package
• Wide-SOIC (DWV-8) Package
• Safety-Related Certifications (Planned):
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 and CSA CAS Notice No. 5A
– IEC 62368-1, IEC 61010-1 and GB 4943.1
certifications

2 Applications
• Hybrid, electric and power train system (EV/HEV)
– Battery management system (BMS)
– On-board charger
– DC/DC converter
– Inverter and motor control

3 Description
The ISO642x-Q1 devices are general purpose digital
isolators designed for applications requiring up to
5000VRMS isolation rating per UL 1577. The devices
are also certified by VDE, TUV, and CQC.
The ISO642x-Q1 devices provide high EMC
performance while isolating CMOS or LVCMOS digital
I/Os. ISO642x-Q1 uses SiO2 as the isolation barrier.
Each isolation channel has a logic input and output
buffer separated by the insulation barrier.
The ISO6420-Q1 and ISO6420F-Q1 devices have all
channels in the forward direction. The ISO6421-Q1
and ISO6421F-Q1 devices have one reverse-direction
channel.
In the event of input power or signal loss, the default
output is high for devices without the suffix F and
low for devices with the suffix F. See the Device
Functional Modes section for further details.




Similar Part No. - ISO6420F-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6420F TI2-ISO6420F Datasheet
1Mb / 36P
ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
AUGUST 2025
ISO6420F TI2-ISO6420F Datasheet
1Mb / 37P
ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
AUGUST 2025
ISO6420F TI2-ISO6420F Datasheet
1Mb / 37P
ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
AUGUST 2025
ISO6420F TI2-ISO6420F Datasheet
1Mb / 44P
ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
REVISED MARCH 2026
ISO6420FDR TI2-ISO6420FDR Datasheet
1Mb / 36P
ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
AUGUST 2025
More results


Similar Description - ISO6420F-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6720-Q1 TI-ISO6720-Q1 Datasheet
2Mb / 48P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V01 Datasheet
2Mb / 51P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6720 TI-ISO6720 Datasheet
3Mb / 46P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V02 Datasheet
4Mb / 54P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1_V01 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6720 TI-ISO6720_V02 Datasheet
3Mb / 49P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
REVISED SEPTEMBER 2021
ISO6763-Q1 TI-ISO6763-Q1 Datasheet
1Mb / 37P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
SLLSFK2 ??AUGUST 2021
ISO6760-Q1 TI-ISO6760-Q1 Datasheet
3Mb / 51P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6720-Q1 TI-ISO6720-Q1_V03 Datasheet
4Mb / 58P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Automotive Digital Isolators with Robust EMC
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com