Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8P34S1212 Datasheet (PDF) - Renesas Technology Corp

8P34S1212 Datasheet PDF - Renesas Technology Corp
Part # 8P34S1212
Download  8P34S1212 Download
File Size   1412.68 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks

8P34S1212 Datasheet (PDF)

Go To PDF Page Download Datasheet
8P34S1212 Datasheet PDF - Renesas Technology Corp

Part # 8P34S1212
Download  8P34S1212 Click to download

File Size   1412.68 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks

8P34S1212 Datasheet (HTML) - Renesas Technology Corp


8P34S1212 Product details

• 12 low skew, low additive jitter LVDS output pairs
• Two selectable, differential clock input pairs
• Differential CLK0, CLK1 pairs can accept the following
differential input levels: LVDS, CML
• Maximum input clock frequency: 1.5GHz (maximum)
• LVCMOS/LVTTL interface levels for the control input select pin
• Output skew: 10ps (typical)
• Propagation delay: 400ps (maximum)
• Low propagation delay variation across temperature for 1PPS applications
• Low additive phase jitter, RMS; fREF = 156.25MHz, VPP = 1V,
12kHz– 20MHz: 34fs (typical)
• Maximum device current consumption (IDD): 185mA typ at 1.8V
or 200mA typ at 2.5V
• Full 1.8V or 2.5V supply voltage
• Lead-free (RoHS 6), 40-Lead VFQFPN packaging
• -40°C to +85°C ambient operating temperature
• Supports case temperature up to +105°C
• Supports PCI Express Gen 1-5




Similar Part No. - 8P34S1212

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8P34S1212 RENESAS-8P34S1212 Datasheet
1Mb / 18P
2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
logo
Integrated Device Techn...
8P34S1212NLGI IDT-8P34S1212NLGI Datasheet
443Kb / 19P
1:12 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S1212NLGI RENESAS-8P34S1212NLGI Datasheet
1Mb / 18P
2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
logo
Integrated Device Techn...
8P34S1212NLGI8 IDT-8P34S1212NLGI8 Datasheet
443Kb / 19P
1:12 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S1212NLGI8 RENESAS-8P34S1212NLGI8 Datasheet
1Mb / 18P
2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
More results


Similar Description - 8P34S1212

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8P34S1212I IDT-IDT8P34S1212I_17 Datasheet
443Kb / 19P
1:12 LVDS Output 1.8V Fanout Buffer
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106_17 Datasheet
577Kb / 25P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S1102 RENESAS-8P34S1102 Datasheet
1Mb / 18P
1:2 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 3, 2022
8P34S1204 RENESAS-8P34S1204 Datasheet
1Mb / 19P
2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8P34S1208 RENESAS-8P34S1208 Datasheet
1Mb / 18P
2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 13, 2022
8P34S1212 RENESAS-8P34S1212 Datasheet
1Mb / 18P
2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8P34S2102 RENESAS-8P34S2102 Datasheet
1Mb / 19P
Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8V34S208 RENESAS-8V34S208 Datasheet
861Kb / 22P
1:8 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications
06/26/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com