Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOTMP35R-Q1 Datasheet (PDF) - Texas Instruments

ISOTMP35R-Q1 Datasheet PDF - Texas Instruments
Part # ISOTMP35R-Q1
Download  ISOTMP35R-Q1 Download
File Size   1522.9 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage

ISOTMP35R-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOTMP35R-Q1 Datasheet PDF - Texas Instruments

Part # ISOTMP35R-Q1
Download  ISOTMP35R-Q1 Click to download

File Size   1522.9 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage

ISOTMP35R-Q1 Datasheet (HTML) - Texas Instruments


ISOTMP35R-Q1 Product details

1 Features
• AEC-Q100 qualified with:
– Temperature Grade-0: –40°C to 150°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C5
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Robust integrated isolation:
– Withstand isolation voltage: 5kVRMS
– Isolation working voltage: 1.06kVRMS
– Isolation barrier lifetime: > 15 years
– Basic isolation option available
• Temperature sensor accuracy:
– ±0.5°C typical at 25°C
– ±2.5°C maximum from 0°C to 70°C
– ±3.5°C maximum from –40°C to 150°C
• Wide supply range: 3.1V to 34V
• Analog Output:
– 10mV/°C positive slope
– 500mV offset at 0°C
– Output voltage range: 100mV to 2V
• Fast thermal response: < 4s
• High CMTI: 65kV/μs
• Low power consumption: 45μA (typical)
• Safety-related certifications:
– 5kVRMS isolation for 1 minute per UL 1577

2 Applications
• HEV/EV battery-management system (BMS)
• HEV/EV on-board and wireless charger
• HEV/EV DC/DC converter
• HEV/EV inverter and motor control
• Powertrain temperature sensor

3 Description
The ISOTMP35R-Q1 is the industry’s first reinforced
isolated temperature sensor IC, combining an
integrated isolation barrier, up to 5kVRMS withstand
voltage, with an analog temperature sensor featuring
a 10mV/°C slope from –40°C to 150°C. This
integration enables the sensor to be co-located with
high-voltage heat sources such as power MOSFETs,
IGBTs, and busbars eliminating the need for external
isolation amplifiers or isolated data converters. The
direct contact with the high-voltage heat source
also provides greater accuracy and faster thermal
response compared with approaches where the
sensor is placed further away to meet isolation
requirements.
Operating from a wide supply range of 3.1V to 34V,
the ISOTMP35R-Q1 enables flexible integration in
systems where a regulated low-voltage rail is not
available on the high-voltage domain.
The output voltage of the ISOTMP35R-Q1 ranges
from 100mV to 2V for a –40°C to 150°C temperature
range. The ISOTMP35R-Q1 does not require any
external calibration or trimming to provide a worstcase
accuracy of ±0.5°C at room temperature and
±3.5°C over the full –40°C to 150°C temperature
range. The linear output, 500mV offset, and factory
calibration of the ISOTMP35R-Q1 simplify the circuitry
requirements in a single supply environment where
reading negative temperatures is necessary.
The integrated isolation barrier satisfies UL 1577
requirements. The surface mount package (12-pin
SSOP) provides excellent heat flow from the heat
source to the embedded thermal sensor, minimizing
thermal mass and providing more accurate heatsource
measurement. This reduces the need for timeconsuming
thermal modeling and improves system
design margin by reducing mechanical variations due
to manufacturing and assembly.




Similar Part No. - ISOTMP35R-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 20P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 23P
ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
More results


Similar Description - ISOTMP35R-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 26P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
MARCH 2022
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
HDC3020-Q1 TI-HDC3020-Q1_V01 Datasheet
2Mb / 52P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED AUGUST 2022
AMC23C10 TI-AMC23C10_V01 Datasheet
1Mb / 34P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C12-Q1 TI-AMC23C12-Q1_V01 Datasheet
1Mb / 43P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
HDC3020-Q1 TI-HDC3020-Q1_V02 Datasheet
2Mb / 51P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED MARCH 2023
AMC23C15-Q1 TI-AMC23C15-Q1 Datasheet
1Mb / 42P
AMC23C15-Q1 Automotive, Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
TMP9A00-EP TI-TMP9A00-EP_V01 Datasheet
1Mb / 23P
TMP9A00-EP ±2.5 °C Low-Power, Analog Out Temperature Sensor
REVISED FEBRUARY 2021
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35 TI-ISOTMP35 Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com