Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC2780 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NC2780 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NC2780
Download  NC2780 Download
File Size   2080.64 Kbytes
Page   62 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Synchronous 34V Input Buck Switching Regulator (Controller)

NC2780 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC2780 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NC2780
Download  NC2780 Click to download

File Size   2080.64 Kbytes
Page   62 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Synchronous 34V Input Buck Switching Regulator (Controller)

NC2780 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NC2780 Product details

FEATURES
• Input Voltage (Maximum Rating):
4.0 V to 34 V (36 V)
• Start-Up Voltage: 4.5 V
• Output Voltage: 0.7 V to 5.3 V
• Feedback Voltage Tolerance: 0.64 V ± 1 %
• Quiescent Current:
Typ. 15 μA (PFM at no load)
• Oscillation Frequency: 250 kHz to 1 MHz
• Soft-Start: 500 μs (When CSS is open)
Can be optimized with external capacitance.
• Minimum On-Time: Typ. 100 ns
• Minimum OFF-Time: Typ. 120 ns
• Duty-Over: Oscillation Frequency × 1 to 1 / 4
• Operating mode: Auto switch mode,
Force PWM mode, PLL sync mode
• Operating Temperature Range: -40 °C to 125 °C
• SSCG (Spread Spectrum) ※Option
• Power-Good
• Anti-Phase Clock Output
• Under Voltage Lockout (UVLO) Function:
VCC = Typ. 3.3 V
• Overvoltage Detection (OVD),
Undervoltage Detection (UVD)
• Thermal Shutdown: Typ. 160 °C
• Output Overcurrent Protection: Hiccup mode/
Latch mode
• Short-Circuit Protection Function: SW to VIN or GND




Similar Part No. - NC2780

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
logo
AVX Corporation
NC20 AVX-NC20 Datasheet
200Kb / 5P
NTC SMD Thermistors
logo
Turck, Inc.
NC20-KT34-VP4X2 TURCK-NC20-KT34-VP4X2 Datasheet
254Kb / 3P
Capacitive Sensor
11/07/2023
logo
Tripp Lite. All Rights ...
NC2003SR TRIPPLITE-NC2003SR Datasheet
476Kb / 2P
Notebook Cooling Pad - Notebook-Laptop Computer Security and Stands
logo
AVX Corporation
NC20I00182 AVX-NC20I00182 Datasheet
200Kb / 5P
NTC SMD Thermistors
More results


Similar Description - NC2780

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
New Japan Radio
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
Internal 34V MOSFET Switching Regulator IC for Buck Converter
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
Dual Synchronous Buck Regulator Controller
logo
Linear Technology
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Texas Instruments
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com