Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P30LM0FDR102KL Datasheet (PDF) - Vishay Siliconix

P30LM0FDR102KL Datasheet PDF - Vishay Siliconix
Part # P30LM0FDR102KL
Download  P30LM0FDR102KL Download
File Size   173.09 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed

P30LM0FDR102KL Datasheet (PDF)

Go To PDF Page Download Datasheet
P30LM0FDR102KL Datasheet PDF - Vishay Siliconix

Part # P30LM0FDR102KL
Download  P30LM0FDR102KL Click to download

File Size   173.09 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed

P30LM0FDR102KL Datasheet (HTML) - Vishay Siliconix


P30LM0FDR102KL Product details

FEATURES
• 2 million cycles
• High power rating 3 W at 70 °C
• Cermet element
• Low temperature coefficient (± 150 ppm/°C typical)
• Custom designs on request
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - P30LM0FDR102KL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P30LM0FDR102MA VISHAY-P30LM0FDR102MA Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
More results


Similar Description - P30LM0FDR102KL

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P270 BITECH-P270 Datasheet
290Kb / 3P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Vishay Siliconix
P10L VISHAY-P10L Datasheet
122Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
10-Dec-07
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
P10L VISHAY-P10L_V01 Datasheet
86Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com